Electronic Components Datasheet Search
  English  ▼

X  

PAM8106 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # PAM8106
Description  10W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8106 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button PAM8106 Datasheet HTML 5Page - Diodes Incorporated PAM8106 Datasheet HTML 6Page - Diodes Incorporated PAM8106 Datasheet HTML 7Page - Diodes Incorporated PAM8106 Datasheet HTML 8Page - Diodes Incorporated PAM8106 Datasheet HTML 9Page - Diodes Incorporated PAM8106 Datasheet HTML 10Page - Diodes Incorporated PAM8106 Datasheet HTML 11Page - Diodes Incorporated PAM8106 Datasheet HTML 12Page - Diodes Incorporated PAM8106 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
PAM8106
Document number: DS40457 Rev. 1 - 2
12 of 13
www.diodes.com
March 2018
© Diodes Incorporated
PAM8106
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
W-QFN5050-32 (Standard)
Pin #1 ID
C 0.3x45°
Seating Plane
A
A3
A1
E2
e
b
L
D2
E
D
Pin#1 DOT
e1
W-QFN5050-32
(Standard)
Dim
Min
Max
Typ
A
0.55
 0.80
0.75
A1
0.00
0.05
--
A3
0.203 REF
b
0.20
0.30
0.25
D
4.95
5.05
5.00
D2
3.65
3.75
3.70
E
4.95
5.05
5.00
E2
3.65
3.75
3.70
e
0.50 BSC
e1
3.50 REF
L
0.35
0.45
0.40
All Dimensions in mm
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
W-QFN5050-32 (Standard)
X3
Y3
C
X1
X2
Y1
Y2
G2
G1
X
Y
Dimensions
Value
(in mm)
C
0.500
G1
0.150
G2
0.150
X
0.350
X1
3.800
X2
3.850
X3
5.300
Y
0.600
Y1
3.800
Y2
3.850
Y3
5.300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com