Electronic Components Datasheet Search
  English  ▼

X  

PAM8106 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PAM8106
Description  10W Stereo Class-D Audio Power Amplifier
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8106 Datasheet(HTML) 2 Page - Diodes Incorporated

  PAM8106 Datasheet HTML 1Page - Diodes Incorporated PAM8106 Datasheet HTML 2Page - Diodes Incorporated PAM8106 Datasheet HTML 3Page - Diodes Incorporated PAM8106 Datasheet HTML 4Page - Diodes Incorporated PAM8106 Datasheet HTML 5Page - Diodes Incorporated PAM8106 Datasheet HTML 6Page - Diodes Incorporated PAM8106 Datasheet HTML 7Page - Diodes Incorporated PAM8106 Datasheet HTML 8Page - Diodes Incorporated PAM8106 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PAM8106
Document number: DS40457 Rev. 1 - 2
2 of 13
www.diodes.com
March 2018
© Diodes Incorporated
PAM8106
Typical Applications Circuit
1
2
3
4
5
6
A
B
C
D
6
5
4
3
2
1
D
C
B
A
Ti t le
N u m b er
R ev i s io n
Si ze
B
D ate:
1 0 -M ar-2 0 1 7
Sh eet
o f
Fi l e:
E: \ PAM \
产品分类\PA M8 1 06 \p cb \QF N PA M80 0 6 A A 1 0 0 7. dd b
D raw n B y :
C22
C21
C24
C25
C28
C27
C16
C15
C18
C19
C9
C17
C8
C6
C5
LOUTP
C2
LOUTN
C3
C11
C12
ROUTP
C14
C10
C20
V CC
V CC
V CC
V CC
V CC
R1
R2
R5
R3
A VD D
ROUTN
M u t e
V CC
SD
C1
FB1
FB2
FB3
FB4
C4 C7
C23
C26
NC
1
R IN N
2
R IN P
3
M U TE
4
A VD D
5
LIN P
6
LIN N
7
NC
8
SS M CT L
17
PL
18
V 2 P5
19
A GN D
20
V CL M P
21
A VC C
22
SD
23
NC
24
U1
PAM8106
R10
A u d i o i n p u t R+
A u d i o i n p u t R-
A u d i o i n p u t L+
A u d i o i n p u t L-
R11
A VD D
R4
SS M CT L
Pin Descriptions
Pin Number
Package Name
Function
1, 8, 24
NC
No Connect, floating or connect to GND on PCB
2
RINN
Negative differential audio input for right channel.
3
RINP
Positive differential audio input for right channel.
4
MUTE
A logic-high on this pin disables the outputs and a logic low enables the outputs.
5
AVDD
5V Analog Supply (internally generated)
6
LINP
Positive differential audio input for left channel.
7
LINN
Negative differential audio input for left channel.
9, 16
PGNDL
Power ground for left channel H-bridge.
10, 15
PVCCL
Power supply for left channel H-bridge, not connected to PVCCR or AVCC.
11
LOUTN
Class-D H-bridge negative output for left channel.
12
BSLN
Bootstrap I/O for left channel, negative high-side FET.
13
BSLP
Bootstrap I/O for left channel, positive high-side FET.
14
LOUTP
Class-D H-bridge positive output for left channel.
17
SSMCTL
SSM ON/OFF Control. A Logic-Low enable SSM feature and a Logic-High
disable SSM feature. (Logic-High level complies to AVDD).
SSM mode will be turned ON if this pin is left floating after power-up, due to pull-
up resistor embedded.
18
PL
Reference voltage for power-limit function.
19
V2P5
2.5V Reference for analog cells.
20
AGND
Analog Ground
21
VCLAMP
Internally generated voltage supply for bootstrap capacitors.
22
AVCC
High-voltage analog power supply (4.5V to 15V)
23
SD
Shutdown signal for IC (low= shutdown, high = operational). Compliance to
AVCC.
25, 32
PGNDR
Power ground for right channel H-bridge.
26, 31
PVCCR
Power supply for right channel H-bridge, not connected to PVCCL or AVCC.
27
ROUTP
Class-D H-bridge positive output for right channel.
28
BSRP
Bootstrap I/O for right channel, positive high-side FET.
29
BSRN
Bootstrap I/O for right channel, negative high-side FET.
30
ROUTN
Class-D H-bridge negative output for right channel.
33
Thermal Pad
Connect to ground. Thermal pad should be soldered down on all applications to
secure the device properly to the printed wiring board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com