Electronic Components Datasheet Search
  English  ▼

X  

PAM8301 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PAM8301
Description  FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8301 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PAM8301 Datasheet HTML 2Page - Diodes Incorporated PAM8301 Datasheet HTML 3Page - Diodes Incorporated PAM8301 Datasheet HTML 4Page - Diodes Incorporated PAM8301 Datasheet HTML 5Page - Diodes Incorporated PAM8301 Datasheet HTML 6Page - Diodes Incorporated PAM8301 Datasheet HTML 7Page - Diodes Incorporated PAM8301 Datasheet HTML 8Page - Diodes Incorporated PAM8301 Datasheet HTML 9Page - Diodes Incorporated PAM8301 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
PAM8301
Document number: DSxxxxx Rev. 1 - 3
8 of 10
www.diodes.com
July 2013
© Diodes Incorporated
PAM8301
A Product Line of
Diodes Incorporated
Application Information (cont.)
How to Reduce EMI (Electro Magnetic Interference)
A simple solution is to put an additional capacitor 1000µF at power supply terminal for power line coupling if the traces from amplifier to speakers
are short (< 20cm).
Most applications require a ferrite bead filter as shown at Figure 1. The ferrite filter depresses EMI of around 1MHz and higher. When selecting a
ferrite bead, choose one with high impedance at high frequencies and low impedance at low frequencies.
Figure 1: Ferrite Bead Filter to Reduce EMI
Ordering Information
Part Number
Part Marking
Package Type
Standard Package
PAM8301AAF
FPXYW
TSOT26
3000 Unit/Tape&Reel



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com