Electronic Components Datasheet Search
  English  ▼

X  

PAM8301 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PAM8301
Description  FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8301 Datasheet(HTML) 1 Page - Diodes Incorporated

  PAM8301 Datasheet HTML 1Page - Diodes Incorporated PAM8301 Datasheet HTML 2Page - Diodes Incorporated PAM8301 Datasheet HTML 3Page - Diodes Incorporated PAM8301 Datasheet HTML 4Page - Diodes Incorporated PAM8301 Datasheet HTML 5Page - Diodes Incorporated PAM8301 Datasheet HTML 6Page - Diodes Incorporated PAM8301 Datasheet HTML 7Page - Diodes Incorporated PAM8301 Datasheet HTML 8Page - Diodes Incorporated PAM8301 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PAM8301
Document number: DSxxxxx Rev. 1 - 3
1 of 10
www.diodes.com
July 2013
© Diodes Incorporated
PAM8301
A Product Line of
Diodes Incorporated
FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Description
The PAM8301 is a 1.5W Class-D mono audio amplifier. Its low
THD+N feature offers high quality sound reproduction. The new
filterless architecture allows the device to drive speaker directly
instead of using low-pass output filters, therefore saving system cost
and PCB area.
With the same number of external components, the efficiency of the
PAM8301 is much better than that of Class-AB cousins. It can
optimize battery life thus is ideal for portable applications.
The PAM8301 is available in TSOT26 package.
Features
1.5W Output at 10% THD with a 8
Ω Load and 5V Power Supply
Filterless, Low Quiescent Current and Low EMI
High Efficiency up to 88%
Superior Low Noise
Short Circuit Protection
Thermal Shutdown
Few External Components to Save Space and Cost
Tiny TSOT26 Package
Pb-Free Package
Pin Assignments
Applications
PMP/MP4
GPS
Portable Speakers
Walkie Talkie
Handsfree Phones/Speaker Phones
Cellular Phones
Typical Applications Circuit
Top View
TSOT26


Similar Part No. - PAM8301

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
Filterless Class-D Mono Audio Amplifier
PAM8301AAF PAM-PAM8301AAF Datasheet
223Kb / 11P
Filterless Class-D Mono Audio Amplifier
More results

Similar Description - PAM8301

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX1701CLQ MICROSEMI-LX1701CLQ Datasheet
445Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
Filterless Class-D Mono Audio Amplifier
PAM8302A PAM-PAM8302A Datasheet
227Kb / 14P
2.5W Filterless Class-D Mono Audio Amplifier
logo
Microsemi Corporation
LX1701 MICROSEMI-LX1701_05 Datasheet
454Kb / 20P
2W Filterless Mono Class-D Audio Amplifier
logo
Power Analog Micoelectr...
PAM8302A PAM-PAM8302A_13 Datasheet
515Kb / 15P
2.5W Filterless Class-D Mono Audio Amplifier
logo
Lowpower Semiconductor ...
LPA2010 POWER-LPA2010 Datasheet
543Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
LPA2105 POWER-LPA2105 Datasheet
566Kb / 8P
Filterless 6W Class- D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8302A DIODES-PAM8302A Datasheet
595Kb / 13P
2.5W FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
Rev 4
logo
Lowpower Semiconductor ...
LPA2110 POWER-LPA2110 Datasheet
480Kb / 10P
Filterless 30W Class D Mono Audio Amplifier
LPA2104A POWER-LPA2104A Datasheet
390Kb / 9P
Filterless 3W Class- D Mono Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com