Electronic Components Datasheet Search
  English  ▼

X  

PAM8301 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # PAM8301
Description  FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PAM8301 Datasheet(HTML) 3 Page - Diodes Incorporated

  PAM8301 Datasheet HTML 1Page - Diodes Incorporated PAM8301 Datasheet HTML 2Page - Diodes Incorporated PAM8301 Datasheet HTML 3Page - Diodes Incorporated PAM8301 Datasheet HTML 4Page - Diodes Incorporated PAM8301 Datasheet HTML 5Page - Diodes Incorporated PAM8301 Datasheet HTML 6Page - Diodes Incorporated PAM8301 Datasheet HTML 7Page - Diodes Incorporated PAM8301 Datasheet HTML 8Page - Diodes Incorporated PAM8301 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PAM8301
Document number: DSxxxxx Rev. 1 - 3
3 of 10
www.diodes.com
July 2013
© Diodes Incorporated
PAM8301
A Product Line of
Diodes Incorporated
Thermal Information
Parameter
Package
Symbol
Max
Unit
Thermal Resistance (Junction to Ambient)
TSOT26
θJA
250
°C/W
Thermal Resistance (Junction to Case)
TSOT26
θJC
130
Electrical Characteristics (@TA = +25°C, VDD = 5V, Gain = 24dB, RL = 8Ω, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VDD
Supply Voltage Range
2.5
5.5
V
IQ
Quiescent Current
No Load
4
8
mA
ISHDN
Shutdown Current
VSHDN = 0V
1
µA
VSH
SHDN Input High
1.2
V
VSL
SHDN Input Low
0.4
RDS(ON)
Drain-Source On-State Resistance
IDS = 100mA
P MOSFET
0.45
N MOSFET
0.20
PO
Output Power
f = 1kHz
THD+N = 1%
1.2
W
THD+N = 10%
1.5
THD+N
Total Harmonic Distortion Plus Noise
RL = 8Ω, PO = 200mW
0.2
%
RL = 8Ω, PO = 0.5W
0.3
PSRR
AC Power Supply Ripple Rejection
No Inputs, f = 1kHz, VPP = 200mV
45
50
dB
GV
Gain
24
dB
VN
Output Noise
No A-Weighting
180
µV
A-Weighting
120
fOSC
Oscillator Frequency
200
250
300
kHz
η
Peak Efficiency
f = 1kHz
85
88
%
SNR
Signal to Noise Ratio
f = 20 to 20kHz
78
dB
OTP
Over Temperature Protection
135
°C
OTH
Over Temperature Hysterisis
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com