Electronic Components Datasheet Search
  English  ▼

X  

GMS77C1001 Datasheet(PDF) 17 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 17 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 13Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 14Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 15Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 16Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 17Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 18Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 19Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 20Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 21Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
GMS77C1000/GMS77C1001
14
July. 2001 Ver. 1.1
7.7 Typical Characteristics
These graphs and tables are for design guidance only and
are not tested or guaranteed.
In some graphs or tables the data presented are out-
side specified operating range (e.g. outside specified
VDD range). This is for information only and devices
are guaranteed to operate properly only within the
specified range.
The data is a statistical summary of data collected on units
from different lots over a period of time. “Typical” repre-
sents the mean of the distribution while “max” or “min”
represents (mean + 3
σ) and (mean − 3σ) respectively
where
σ is standard deviation
Ta= 25
°C
Ta=25
°C
IDD−VDD
4
3
2
1
0
(mA)
IDD
23
45
6
VDD
(V)
Normal Operation
16
12
8
4
0
(MHz)
fXIN
23
45
6
VDD
(V)
Operating Area
4MHz
24
fXIN = 20MHz
20
32KHz
IOL−VOL, VDD=5V
32
24
16
8
0
(mA)
IOL
VOL
(V)
0.4
0.8
1.2
1.6
2.0
40
IOL−VOL, VDD=3V
18
12
6
0
(mA)
IOL
VOL
(V)
0.4
0.8
1.2
1.6
2.0
Ta=25
°C
Ta=25
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com