Electronic Components Datasheet Search
  English  ▼

X  

GMS77C1001 Datasheet(PDF) 24 Page - Hynix Semiconductor

Part # GMS77C1001
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS77C1001 Datasheet(HTML) 24 Page - Hynix Semiconductor

Back Button GMS77C1001 Datasheet HTML 20Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 21Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 22Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 23Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 24Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 25Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 26Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 27Page - Hynix Semiconductor GMS77C1001 Datasheet HTML 28Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
GMS77C1000/GMS77C1001
July. 2001 Ver. 1.1
21
9.3.5 STATUS Register
This register contains the arithmetic status of the ALU, the
RESET status, and the page select bit for program memo-
ries larger than 512 words.
The STATUS register can be the destination for any in-
struction, as with any other register. If the STATUS regis-
ter is the destination for an instruction that affects the Z,
DC or C bits, then the write to these three bits is disabled.
These bits are set or cleared according to the device logic.
Furthermore, the TO and PD bits are not writable. There-
fore, the result of an instruction with the STATUS register
as destination may be different than intended.
It is recommended that only instructions that do not affect
status of CPU be used on STATUS register. Care should be
exercised when writing to the STATUS register as the
ALU status bits are updated upon completion of the write
operation, possibly leaving the STATUS register with a re-
sult that is different than intended. In reset state, the STA-
TUS register is initialized with “00011XXXB”.
9.3.6 FSR Register
The FSR register is an 8-bit register. The lower 5 bits are
used to store indirect address for data memory. The upper
3 bits are unimplemented and read as “0”. Figure 9-9
shows how the FSR register can be used in indirect ad-
dressing mode.
In reset state, the FSR register is initialized with
“1XXX_XXXXB”.
FIGURE 9-8 STATUS REGISTER
-
PA0
R/W
TO
R
PD
R
Z
R/W
DC
R/W
C
R/W
bit7
bit0
PA0: Program memory page select bits
0 = page 0 (000h - 1FFh) - GMS77C1000/1001
1 = page 1 (200h - 3FFh) - GMS77C1001
TO: Time-overflow bit
1 = After power-up, watchdog clear instruction, or
entering power-down mode
0 = A watchdog timer time-overflow occurred
PD: Power-down bit
1 = After power-up or by the watchdog clear
instruction
0 = By execution of power-down mode
Z: Zero bit
1 = The result of an arithmetic or logic operation
is zero
0 = The result of an arithmetic or logic operation
is not zero
DC: Digit carry/borrow bit
(for addition and subtraction)
addition
1 = A carry from the 4th low order bit of the result
occurred
0 = A carry from the 4th low order bit of the result
did not occur
subtraction
1 = A borrow from the 4th low order bit of the
result did not occur
0 = A borrow from the 4th low order bit of the
result occurred
C: Carry/borrow bit
(for additon,subtraction and rotation)
addition
1 = A carry occurred
0 = A carry did not occur
subtraction
1 = A borrow did not occur
0 = A borrow occurred
rotation
Load bit with LSB or MSB, respectively
R = Readable bit
W = Writable bit
ADDRESS ; 03H
RESET VALUE : 0001_1XXX
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com