Electronic Components Datasheet Search
  English  ▼

X  

ACE16354B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE16354B
Description  P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE16354B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE16354B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ACE16354B
P-Channel Enhancement Mode Power MOSFET
VER 1.1
2
Ordering information
ACE16354B XX + H
Electrical Characteristics
TA=25
OC unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
V(BR)DSS
VGS=0V, ID=-250uA
-60
V
Zero Gate Voltage Drain Current
IDSS
VDS=-60V, VGS=0V
-1
uA
Gate Threshold Voltage
VGS(th)
VDS=VGS, IDS=-250µA
-2
-2.6
-3
V
Gate Leakage Current
IGSS
VGS=±20V, VDS=0V
±100
nA
Static Drain-Source On-Resistance
RDS(ON)
VGS=-10V, ID=-2A
90
110
m
Ω
VGS=-4.5V, ID=-1A
120
150
Forward Trans Conductance
gFS
VDS=-30V, ID=-3.5A
11
S
Diode Forward Voltage
VSD
ISD=-2.8A, VGS=0V
-1.2
V
Diode Forward Current
IS
Tc=25
OC
-3.5
A
Switching
Total Gate Charge
Qg
VGS=-4.5V,VDS=-30V,
ID=-3.5A,
10.1
nC
Gate-Source Charge
Qgs
3.3
Gate-Drain Charge
Qgd
3.9
Turn-On Delay Time
td(on)
VDD=-30V,RL=10.7
Ω
VGEN=-10V ,RGEN=1
Ω
ID=-2.8A
8
ns
Turn-On Rise Time
tf
6
Turn-Off Delay Time
td(off)
35
Turn-Off Fall Time
tf
16
Dynamic
Input Capacitance
Ciss
VGS=0V,VDS=-30V,
f=1MHz
832
pF
Output Capacitance
Coss
88
Reverse Transfer Capacitance
Crss
63
GM: SOT-23-6
Pb - free
Halogen - free



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com