Electronic Components Datasheet Search
  English  ▼

X  

ACE16354B Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE16354B
Description  P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE16354B Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

  ACE16354B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ACE16354B
P-Channel Enhancement Mode Power MOSFET
VER 1.1
7
Packing Information
SOT23-6
Symbol
Dimensions In Millimeters
Dimensions In Inches
Min.
NOM
Max.
Min.
NOM
Max.
A
0.90
1.25
0.035
0.049
A1
0.00
0.15
0.00
0.006
A2
0.70
1.10
1.20
0.028
0.043
0.047
b
0.30
0.40
0.50
0.012
0.016
0.020
C
0.08
0.13
0.20
0.003
0.005
0.008
D
2.70
2.90
3.10
0.106
0.114
0.122
E
2.50
2.80
3.10
0.098
0.110
0.122
E1
1.50
1.60
1.70
0.059
0.063
0.067
e
0.95BSC
0.037BSC
e1
1.90BSC
0.075BSC
L
0.30
0.60
0.012
0.024
θ1
0°
8°
0°
8°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com