Electronic Components Datasheet Search
  English  ▼

X  

ACE16354B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE16354B
Description  P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE16354B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE16354B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE16354B Datasheet HTML 8Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ACE16354B
P-Channel Enhancement Mode Power MOSFET
VER 1.1
1
Description
DC/DC Converter
Load switches
Features
VDS (V) = -60V,ID = -3.5A
RDS(ON)@ VGS= -10V , TYP 90
mΩ
RDS(ON)@ VGS= -4.5V , TYP 120
mΩ
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Drain-Source Voltage
VDS
-60
V
Gate-Source Voltage
VGS
±20
V
Drain Current (Continuous) *AC
TA=25
OC
ID
-3.5
A
TA=70
OC
-2.8
Drain Current (Pulse) *B
IDM
-20
Power Dissipation
TA=25
OC
PD
2
W
Operating Temperature and Storage Temperature
TJ,TSTG
-55 to 150
OC
A: The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still
air environment with TA=25°C. The value in any given application depends on the user's specific board
design.
B: Repetitive rating, pulse width limited by junction temperature.
C: The current rating
is based on the t≤ 10s junction to ambient thermal resistance rating.
Packaging Type
SOT23-6


Similar Part No. - ACE16354B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE16302A ACE-ACE16302A Datasheet
456Kb / 9P
N & P Pair Enhancement Mode MOSFET
VER 1.1
ACE16302AGMS+H ACE-ACE16302AGMS+H Datasheet
456Kb / 9P
N & P Pair Enhancement Mode MOSFET
VER 1.1
ACE1632B ACE-ACE1632B Datasheet
614Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
VER 1.2
More results

Similar Description - ACE16354B

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com