Electronic Components Datasheet Search
  English  ▼

X  

TA1069B Datasheet(PDF) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1069B
Description  SAW Filter 1910 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1069B Datasheet(HTML) 3 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1069B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
3
TST DCC
Release document
C.OUTLINE DRAWING:
△ : Year Code (2006->6, …, 2009->9)
□ : Date Code (W01->A,W02->B,…W27->a,…,W52->z)
D. MEASUREMENT CIRCUIT:
△
□
H
#B : Input
#D : Output
#A,C : Ground
Unit : mm
Q
50Ω
Ω
Ω
Ω
50Ω
Ω
Ω
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com