Electronic Components Datasheet Search
  English  ▼

X  

TA1069B Datasheet(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1069B
Description  SAW Filter 1910 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1069B Datasheet(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1069B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Description: SAW Filter 1910 MHz SMD 2.5X2.0 mm
TST Part No.: TA1069B
Customer Part No.:
Checked by:
Jerry Xu
Approved by:
Andy Yu
Date:
2017/10/11
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the changes.
Customer signature required
Company:
Division:
Approved by :
Date:


Similar Part No. - TA1069B

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1069A TAI-SAW-TA1069A Datasheet
428Kb / 8P
SAW Filter 1910 MHz
More results

Similar Description - TA1069B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAMXES0080 MACOM-MAMXES0080 Datasheet
71Kb / 2P
High IP3 Mixer 1850 - 1910 MHz
PA1133 MACOM-PA1133 Datasheet
162Kb / 1P
1850-1910 MHz,Linear Power Amplifier
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1068A TAI-SAW-TA1068A Datasheet
395Kb / 8P
SAW Filter 1910 MHz
TA1069A TAI-SAW-TA1069A Datasheet
428Kb / 8P
SAW Filter 1910 MHz
logo
API Technologies Corp
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com