Electronic Components Datasheet Search
  English  ▼

X  

TA1069B Datasheet(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1069B
Description  SAW Filter 1910 MHz
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1069B Datasheet(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1069B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1069B Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 1910 MHz
MODEL NO.: TA1069B
REV. NO.:1.0
A. MAXIMUM RATING:
1.Input Power Level: 15 dBm
2.DC voltage: 5 V
3.Operating Temperature: -40°C to +85°C
4.Storage Temperature: -40°C to +85°C
5.Moisture Sensitivity Level: Level 1
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency
Fc
(MHz)
-
1910
-
Insertion loss (1900~1920 MHz)
IL
(dB)
-
2.6
4.0
Amplitude ripple (1900~1920 MHz)
(dB)
-
1
2
Attenuation (Reference level from 0 dB)
925 ~ 1400
MHz
(dB)
25
28
-
1400 ~ 1825
MHz
(dB)
25
28
-
1825 ~ 1840
MHz
(dB)
20
38
-
1840 ~ 1870
MHz
(dB)
5
20
-
2040 ~ 2110
MHz
(dB)
29
34
-
2110 ~ 2300
MHz
(dB)
28
32
-
2300 ~ 2660
MHz
(dB)
29
32
-
2660 ~ 3000
MHz
(dB)
25
32
-
Return Loss (1900 ~1920 MHz)
(dB)
8
10
-
Source impedance
Zs
(Ω)
-
50
-
Load impedance
ZL
(Ω)
-
50
-
Note1. No matching network required for operation at 50 Ω
RoHS Compliant
Lead free
Lead-free soldering



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com