| Electronic Components Datasheet Search |
|
IRISA6131 Datasheet(PDF) 2 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRISA6131 Datasheet(HTML) 2 Page - International Rectifier |
|
2 / 7 page ![]() www.irf.com 2 *1 Refer to MOSFET A.S.O curve *2 MOSFET Tch-EAS curve *3 Refer to MOSFET Ta-PD1 curve *4 Refer to TF-PD2 curve for Control IC *5 When embedding this hybrid IC onto the printed circuit board (board size 15mm×15mm) Absolute Maximum Ratings (Ta=25℃ ℃ ℃ ℃ ) Absolute maximum ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute voltages referenced to terminals stated, all currents are defined positive into any lead. The thermal resistance and power dissipation ratings are measured under board mounted and still air conditions. IRIS-A6131 Symbol Definition Terminals Max. Ratings Units Note IDpeak Drain Current *1 8-3 3.2 A Single Pulse V1-3=0.86V Ta=-20~+125℃ Single Pulse VDD=99V,L=20mH IL=2.1A VOCP O.C.P. pin Voltage 1-3 -0.5~6 V VCC Input voltage for control part 2-3 35 V VFB/OLP F.B/O.L.P pin voltage 4-3 -0.5~10 Vstartup Startup pin voltage 5-3 -0.3~600 PD1 Power dissipation for MOSFET *3 8-3 1.35 W *5 Power dissipation for control part (Control IC) *4 Internal frame temperature Refer to recommended in operation operating temperature Top Operating ambient temperature - -20 ~ +125 ℃ Tstg Storage temperature - -40 ~ +125 ℃ Tch Channel temperature - 150 ℃ Specified by Vcc×ICC - TF -20 ~ +125 ℃ 2-3 PD2 0.14 W A Single pulse avalanche energy *2 8-3 EAS 32 mJ Maximum switching current 8-3 IDMAX 3.2 V1-2 Fig.1 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |