| Electronic Components Datasheet Search |
|
IRISA6131 Datasheet(PDF) 6 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRISA6131 Datasheet(HTML) 6 Page - International Rectifier |
|
6 / 7 page ![]() www.irf.com 6 Pin No. Symbol Description Function 1 S/OCP Source Pin MOSFET source 2 VCC Power supply Pin Input of power supply for control circuit 3 GND Ground Pin Ground Input of constant voltage control signal/over load protection signal 5 Startup Startup pin Input of Startup current 6 N.C. - Not Connected 7 Drain Drain Pin MOSFET drain 8 Drain Drain Pin MOSFET drain 4 FB/OLP Feedback/OLP pin IRIS-A6131 Block Diagram Lead Assignments Other Functions O.V.P. – Overvoltage Protection Circuit T.S.D. – Thermal Shutdown Circuit S/OCP GND VCC FB/OLP Drain N.C. Startup 2 3 45 6 7 8 1 Drain Pin Assignment (Top View) + - T TT TS SS SD DD D O OO OV VV VP PP P D DD De ee el ll la aa ay yy y L LL La aa at tt tc cc ch hh h - + U UU UV VV VL LL LO OO O I II In nn nt tt te ee er rr rn nn na aa al ll l B BB Bi ii ia aa as ss s D DD Dr rr ri ii iv vv ve ee e + - O OO OL LL LP PP P SQ R B BB Bi ii ia aa as ss s B BB Bu uu ur rr rs ss st tt t F FF FB BB B P PP PW WW WM MM ML LL La aa at tt tc cc ch hh h D DD Di ii is ss sc cc ch hh ha aa ar rr rg gg ge ee e O OO OC CC CP PP P V VV Vc cc cc cc c + - 5 55 5 2 22 2 7 77 7 8 88 8 D DD D D DD D 4 44 4 F FF FB BB B/ // /O OO OL LL LP PP P G GG GN NN ND DD D 3 33 3 1 11 1 S SS St tt ta aa ar rr rt tt tu uu up pp p MOS FET Power O OO OF FF FF FF FT TT Ti ii im mm me ee er rr r B BB Bu uu uf ff ff ff fe ee er rr r B BB Bl ll la aa an nn nk kk ki ii in nn ng gg g S SS So oo ou uu ur rr rc cc ce ee e/ // /O OO OC CC CP PP P |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |