Electronic Components Datasheet Search
  English  ▼

X  

IRISA6131 Datasheet(PDF) 3 Page - International Rectifier

Part # IRISA6131
Description  INTEGRATED SWITCHER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRISA6131 Datasheet(HTML) 3 Page - International Rectifier

  IRISA6131 Datasheet HTML 1Page - International Rectifier IRISA6131 Datasheet HTML 2Page - International Rectifier IRISA6131 Datasheet HTML 3Page - International Rectifier IRISA6131 Datasheet HTML 4Page - International Rectifier IRISA6131 Datasheet HTML 5Page - International Rectifier IRISA6131 Datasheet HTML 6Page - International Rectifier IRISA6131 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.irf.com
3
Electrical Characteristics (for Control IC)
Electrical characteristics for control part (Ta=25℃, Vin=20V,unless otherwise specified)
MIN
TYP
MAX
VCC(ON)
Operation start voltage
16
17.5
19.2
V
VCC=0→19.2V
VCC(OFF)
Operation stop voltage
9
10
11
V
VCC=19.2→9.V
ICC(ON)
Circuit current in operation
-
-
4
mA
-
ICC(OFF)
Circuit current in non-operation
-
-
50
µA
VCC=14V
VCC(bias)
Auto bias threshold voltage
9.6
10.6
11.6
V
VCC=20→9.6V
-
Vcc(bias) - Vcc(OFF)
0.2
-
-
V
-
TOFF(MAX) Maximum OFF time
7.3
8
8.7
µsec
-
VOCP
O.C.P. threshold voltage
0.69
0.77
0.86
V
-
Tbw
Leading edge blanking time
200
320
480
nsec
-
Vburst
Burst threshold voltage
0.7
0.79
0.88
V
-
VOLP
O.L.P. threshold voltage
6.5
7.2
7.9
V
-
IOLP
Out-flow current at O.L.P operation
18
26
35
µA
-
IFB(MAX) Maximum F.B. current
227
300
388
µA
-
ISTARTUP Startup current
340
790
1230
µA
VCC=15V
ISTART(leak) Startup circuit leakage current
-
-
30
µA
-
VCC(OVP) O.V.P operation voltage
28.7
31.2
34.1
V
VCC=0→34.1V
VCC(La.OFF) Latch circuit release voltage
*6
6.6
7.3
8
V
VCC=34.1→6.6V
Tj(TSD)
Thermal shutdown operating temperature
135
-
-
℃
-
Ratings
VCC=34.1→8.5V
Units
Test
Conditions
ICC(H)
-
-
200
µA
Latch circuit sustaining current *6
Definition
Symbol
Electrical Characteristics (for MOSFET)
*6 The latch circuit means a circuit operated O.V.P and T.S.D.
(Ta=25℃) unless otherwise specified
MIN
TYP
MAX
ID=300µA
V1-3=0V(short)
VDS =500V
V1-3=0V(short)
RDS(ON) On-resistance
-
-
3.95
Ω
ID=0.4A
tf
Switching time
-
-
250
nsec
-
Between channel and
internal frame
Ratings
Units
Test Conditions
Drain-to-Source breakdown voltage
VDSS
500
-
-
V
Definition
Symbol
µA
Drain leakage current
IDSS
-
θch-F
-
-
300
-52
℃/W
Thermal resistance
*7
*7 Internal frame temperature (TF) is measured at the root of the Pin 3.
IRIS-A6131



Html Pages

1 2 3 4 5 6 7