Electronic Components Datasheet Search
  English  ▼

X  

ML63187 Datasheet(PDF) 3 Page - OKI electronic componets

Part # ML63187
Description  4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63187 Datasheet(HTML) 3 Page - OKI electronic componets

  ML63187 Datasheet HTML 1Page - OKI electronic componets ML63187 Datasheet HTML 2Page - OKI electronic componets ML63187 Datasheet HTML 3Page - OKI electronic componets ML63187 Datasheet HTML 4Page - OKI electronic componets ML63187 Datasheet HTML 5Page - OKI electronic componets ML63187 Datasheet HTML 6Page - OKI electronic componets ML63187 Datasheet HTML 7Page - OKI electronic componets ML63187 Datasheet HTML 8Page - OKI electronic componets ML63187 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
¡ Semiconductor
ML63187/63189B
3/35
• Power supply backup
Backup circuit (voltage multiplier) enables operation at 0.9 V minimum
• Timers and counter
8-bit timer ¥ 4
Selectable as auto-reload mode/capture mode/clock frequency measurement mode
Watchdog timer ¥ 1
100 Hz timer ¥ 1
Measurable in steps of 1/100 sec.
15-bit time base counter ¥ 1
1, 2, 4, 8, 16, 32, 64, and 128 Hz signals can be read
• Shift register
Shift clock
: 1 ¥ or 1/2 ¥ system clock, timer 1 overflow,
external clock
Data length
: 8 bits
• Interrupt sources
ML63187
External interrupt
: 2
Internal interrupt
: 12 (watchdog timer interrupt is a nonmask-
able interrupt)
ML63189B
External interrupt
: 3
Internal interrupt
: 12 (watchdog timer interrupt is a nonmask-
able interrupt)
• Operating temperature
–20 to +70
°C
• Operating voltage
When backup used
: 0.9 to 2.7 V
(Operating frequency: 30 to 80 kHz)
1.2 to 2.7 V
(Operating frequency: 300 to 500 kHz)
1.5 to 2.7 V
(Operating frequency: 200 kHz to 1 MHz)
When backup not used
: 1.8 to 5.5 V
(Operating frequency: 200 kHz to 2 MHz)
• Package:
128-pin plastic QFP (QFP128-P-1420-0.50-K) : (Product name: ML63187-xxxGA,
ML63189B-xxxGA)
Chip
: ML63187-xxx, ML63189B-xxx
xxx indicates a code number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com