Electronic Components Datasheet Search
  English  ▼

X  

ML63187 Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML63187
Description  4-Bit Microcontroller with Built-in 1024-Dot Matrix LCD Drivers and Melody Circuit, Operating at 0.9 V (Min).
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML63187 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML63187 Datasheet HTML 4Page - OKI electronic componets ML63187 Datasheet HTML 5Page - OKI electronic componets ML63187 Datasheet HTML 6Page - OKI electronic componets ML63187 Datasheet HTML 7Page - OKI electronic componets ML63187 Datasheet HTML 8Page - OKI electronic componets ML63187 Datasheet HTML 9Page - OKI electronic componets ML63187 Datasheet HTML 10Page - OKI electronic componets ML63187 Datasheet HTML 11Page - OKI electronic componets ML63187 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
¡ Semiconductor
ML63187/63189B
8/35
Pad Coordinates (ML63187)
Pad No.
Pad
Name X (µm) Y (µm)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
Pad No.
Pad
Name X (µm) Y (µm)
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
69
70
71
72
Pad No.
Pad
Name X (µm) Y (µm)
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
101
102
103
104
105
106
107
37
38
39
40
41
73
74
75
76
77
108
78
79
80
81
82
109
110
111
SEG12
SEG13
SEG14
SEG15
SEG16
SEG17
SEG18
SEG19
SEG20
SEG21
SEG22
SEG23
SEG24
SEG25
SEG26
SEG27
SEG28
SEG29
SEG30
SEG31
SEG32
SEG33
SEG34
SEG35
SEG36
SEG37
SEG38
SEG39
SEG40
SEG41
SEG42
SEG43
SEG44
SEG45
SEG46
SEG47
SEG48
SEG49
SEG50
SEG51
SEG52
SEG53
SEG54
SEG55
SEG56
SEG57
SEG58
SEG59
SEG60
SEG61
SEG62
SEG63
COM9
COM10
COM11
COM12
COM13
COM14
COM15
COM16
VSS
VDD1
VDD2
VDD3
VDD4
VDD5
C1
C2
VDDH
CB1
CB2
VDD
VDDL
OSC1
OSC0
RESET
XT1
XT0
TST1
TST2
MD
MDB
–1755
–1615
–1474
–1334
–1193
–1053
–913
–772
–632
–491
–351
–211
–70
70
211
351
491
632
772
913
1053
1193
1334
1474
1615
1755
1969
1969
1969
1969
1969
1969
1969
1969
1969
1969
1969
1969
1969
1969
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2311
–2036
–1895
–1755
–1615
–1474
–1334
–1193
–1053
–913
–772
–632
–491
–351
–211
1969
–70
1969
1969
1969
1969
1969
1969
1969
1969
1969
1969
1969
1969
1969
1969
1969
1755
1615
1474
1334
1193
1053
913
772
632
491
351
211
70
–70
–211
–351
–491
–632
–772
–913
–1053
–1193
–1334
–1474
70
211
351
491
632
772
913
1053
1193
1334
1474
1615
1755
1895
2036
2311
2311
2311
2311
2311
2311
2311
2311
2311
2311
2311
2311
2311
2311
2311
2311
2311
2311
2311
2311
2311
2311
2311
2311
–1615
–1755
2311
2311
VDDI
PE.0
PE.1
PE.2
PE.3
PB.0
PB.1
PB.2
PB.3
COM1
COM2
COM3
COM4
COM5
–1969
–1969
–1969
–1969
–1969
–1969
–1969
–1969
–1969
–1969
–1969
–1969
–1969
–1969
1895
1755
1615
1474
1334
1193
1053
913
772
632
491
351
211
70
COM6
COM7
COM8
SEG0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
SEG9
SEG10
SEG11
–1969
–1969
–1969
–1969
–1969
–1969
–1969
–1969
–1969
–1969
–1969
–1969
–1969
–1969
–1969
–70
–211
–351
–491
–632
–772
–913
–1053
–1193
–1334
–1474
–1615
–1755
–1895
–2036



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com