Electronic Components Datasheet Search
  English  ▼

X  

ML64P168 Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML64P168
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML64P168 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML64P168 Datasheet HTML 17Page - OKI electronic componets ML64P168 Datasheet HTML 18Page - OKI electronic componets ML64P168 Datasheet HTML 19Page - OKI electronic componets ML64P168 Datasheet HTML 20Page - OKI electronic componets ML64P168 Datasheet HTML 21Page - OKI electronic componets ML64P168 Datasheet HTML 22Page - OKI electronic componets ML64P168 Datasheet HTML 23Page - OKI electronic componets ML64P168 Datasheet HTML 24Page - OKI electronic componets ML64P168 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
FEDL64P168-01
Semiconductor
ML64P168
21/51
Measuring circuit 1
OSC1
ROS
XT
XT
32.768kHz
Crystal
C12
C1
C2
CA,CB,CC,C12
ROS
RT0
CS0
RI0
:
:
:
:
:
0.1
µF
160k
Ω
10k
Ω/2kΩ
820pF
10k
Ω
OSC2
RT0
CS0
RI0
IN0
CS0
RT0
A
VDDI
VDD
VSS
VDD2
V
VDD3
V
CA
CB
VDD1
V
CC
Measuring circuit 2
VDD
VDD3
VDD2
VDD1
VSS
VIH
*1
VIL
A
*2
VDDI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com