Electronic Components Datasheet Search
  English  ▼

X  

ML64P168 Datasheet(PDF) 39 Page - OKI electronic componets

Part # ML64P168
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML64P168 Datasheet(HTML) 39 Page - OKI electronic componets

Back Button ML64P168 Datasheet HTML 35Page - OKI electronic componets ML64P168 Datasheet HTML 36Page - OKI electronic componets ML64P168 Datasheet HTML 37Page - OKI electronic componets ML64P168 Datasheet HTML 38Page - OKI electronic componets ML64P168 Datasheet HTML 39Page - OKI electronic componets ML64P168 Datasheet HTML 40Page - OKI electronic componets ML64P168 Datasheet HTML 41Page - OKI electronic componets ML64P168 Datasheet HTML 42Page - OKI electronic componets ML64P168 Datasheet HTML 43Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
FEDL64P168-01
Semiconductor
ML64P168
39/51
PROM MODE
ABSOLUTE MAXIMUM RATINGS
(VSS = 0V)
Parameter
Symbol
Condition
Rating
Unit
PROM power supply voltage
VCC
VCC=VDD, Ta=25
°C
-0.3 to + 6.7
V
Program voltage
VPP
Ta = 25°C
-0.3 to + 14.0
V
PROM input voltage
VI
VCC system input, Ta=25
°C
-0.3 to VCC + 0.3
V
PROM output voltage
VO
VCC system output, Ta=25
°C
-0.3 to VCC + 0.3
V
Storage temperature
TSTG
-
-55 to + 150
°C
RECOMMENDED OPERATING CONDITIONS
(VSS = 0V)
Parameter
Symbol
Condition
Rating
Unit
Operating Temperature
Top
-0 to + 65
°C
VCC power supply voltage
VCC
VCC=VDD=VDDI
4.75 to 5.25
V
In read
4.75 to 5.25
V
VPP power supply voltage
VPP
In write
12.0 to 13.0
V
VIH
VCC=VDD=VDDI
4 to VCC
V
Input voltage
VIL
-0 to 1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com