Electronic Components Datasheet Search
  English  ▼

X  

ML64P168 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML64P168
Description  4-Bit Microcontroller with Built-in RC Oscillation Type A/D Converter and LCD Driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML64P168 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML64P168 Datasheet HTML 9Page - OKI electronic componets ML64P168 Datasheet HTML 10Page - OKI electronic componets ML64P168 Datasheet HTML 11Page - OKI electronic componets ML64P168 Datasheet HTML 12Page - OKI electronic componets ML64P168 Datasheet HTML 13Page - OKI electronic componets ML64P168 Datasheet HTML 14Page - OKI electronic componets ML64P168 Datasheet HTML 15Page - OKI electronic componets ML64P168 Datasheet HTML 16Page - OKI electronic componets ML64P168 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
FEDL64P168-01
Semiconductor
ML64P168
13/51
MEMORY MAPS
Program Memory ( PROM )
Interrupt area
CZP area
Start address
1FFFH
1FE0H
003EH
0020H
0010H
0000H
Test program area
32 bytes
8160 bytes
Contents of interrupt area
8 bits
0020H
0.1Hz interrupt
0023H
1Hz interrupt
0026H
16Hz interrupt
0029H
32Hz interrupt
002CH
256Hz interrupt
002FH
A/D converter interrupt
0032H
External 1 interrupt
0035H
Serial port interrupt
0038H
External 0 interrupt
003BH
Watchdog interrupt
Program Memory Map
Address 0000H is the instruction execution start address by the system reset.
The CZP area from address 0010H to address 001FH is the start address for the CZP subroutine of 1-
byte call instruction.
The start address of interrupt subroutine is assigned to the interrupt address from address 0020H to
003DH.
The user area has 8160 bytes of address 0000H to 1FDFH. No program can be stored in the test
program area.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com