Electronic Components Datasheet Search
  English  ▼

X  

ML9041 Datasheet(PDF) 21 Page - OKI electronic componets

Part # ML9041
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9041 Datasheet(HTML) 21 Page - OKI electronic componets

Back Button ML9041 Datasheet HTML 17Page - OKI electronic componets ML9041 Datasheet HTML 18Page - OKI electronic componets ML9041 Datasheet HTML 19Page - OKI electronic componets ML9041 Datasheet HTML 20Page - OKI electronic componets ML9041 Datasheet HTML 21Page - OKI electronic componets ML9041 Datasheet HTML 22Page - OKI electronic componets ML9041 Datasheet HTML 23Page - OKI electronic componets ML9041 Datasheet HTML 24Page - OKI electronic componets ML9041 Datasheet HTML 25Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
¡ Semiconductor
ML9041
21/54
2) Large character patterns (5 ¥ 11 dots) (See Table 3–2.)
(1) A method of writing character patterns to the CGRAM from the CPU
The four CGRAM address bits 0 to 3 select one of the lines constituting a character pattern.
First, set the mode to increment or decrement from the CPU, and then input the CGRAM address.
Write each line of the character pattern code in the CGRAM through DB0 to DB7.
The data lines DB0 to DB7 correspond to the CGRAM data bits 0 to 7, respectively (see Table 3–
2). Input data “1” represents the ON status of an LCD dot and “0” represents the OFF status.
Since the ADC is automatically incremented or decremented by 1 after the data is written to the
CGRAM, it is not necessary to set the CGRAM address again.
The bottom line of a character pattern (the CGRAM address bits 0 to 3 are all “1”, which means
A in hexadecimal) is a cursor line. The ON/OFF pattern of this line is ORed with the cursor
pattern for displaying on the LCD. Therefore, the pattern data for the cursor position should be
all zeros to display the cursor.
Whereas the data given by the CGRAM data bits 0 to 4 with the CGRAM addresses 0 to A in
hexadecimal (set by the CGRAM address bits 0 to 3) is output as display data to the LCD, the data
given by the CGRAM data bits 5 to 7 or the CGRAM addresses B to F in hexadecimal is not. These
bits can be written and read as a RAM area.
(2) A method of displaying CGRAM character patterns on the LCD
The CGRAM is selected when the higher–order 4 bits of a character code are all zeros. Since bits
0 and 3 of a character code are not used, the character pattern “b” in Table 3–2 can be selected with
a character code “00”, “01”, “08” or “09” in hexadecimal.
When the 8–bit character code corresponding to a character pattern in the CGRAM is written to
the DDRAM, the character pattern is displayed in the display position specified by the DDRAM
address. (The DDRAM data bits 1 and 2 correspond to the CGRAM address bits 4 and 5,
respectively.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com