Electronic Components Datasheet Search
  English  ▼

X  

ML9041 Datasheet(PDF) 9 Page - OKI electronic componets

Part # ML9041
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9041 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button ML9041 Datasheet HTML 5Page - OKI electronic componets ML9041 Datasheet HTML 6Page - OKI electronic componets ML9041 Datasheet HTML 7Page - OKI electronic componets ML9041 Datasheet HTML 8Page - OKI electronic componets ML9041 Datasheet HTML 9Page - OKI electronic componets ML9041 Datasheet HTML 10Page - OKI electronic componets ML9041 Datasheet HTML 11Page - OKI electronic componets ML9041 Datasheet HTML 12Page - OKI electronic componets ML9041 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
¡ Semiconductor
ML9041
9/54
Control Range of
LCD Driving
Voltage (by internal
variable resistor)
VLCD
MAX
VDD = 5V, 1/5 bias
V5IN = 0V
TBD
—
VLCD
MIN
VDD = 5V, 1/5 bias
V5IN = 0V
—
TBD
Bias Voltage for Driving
LCD by External Input
VLCD1 VDD – V5
2.8
—
7.0
V
VLCD2
Note 7
1/5 bias
1/4 bias
2.8
—
7.0
Voltage Multiplier
Output Voltage
V5OUT VDD = 3V, VIN = 0V
BEB = H
VDD – 2VIN
—
VDD –2VIN
+1.2V
V
Voltage Multipler
Input Voltage
VIN
VDD/2
V
VDD – V5
V5
V5, V5IN
VIN
(GND = 0V, VDD = 2.5V to 5.5V, Ta = –40 to +85°C)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Applicable pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com