Electronic Components Datasheet Search
  English  ▼

X  

ML9041 Datasheet(PDF) 39 Page - OKI electronic componets

Part # ML9041
Description  DOT MATRIX LCD CONTROLLER DRIVER
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9041 Datasheet(HTML) 39 Page - OKI electronic componets

Back Button ML9041 Datasheet HTML 35Page - OKI electronic componets ML9041 Datasheet HTML 36Page - OKI electronic componets ML9041 Datasheet HTML 37Page - OKI electronic componets ML9041 Datasheet HTML 38Page - OKI electronic componets ML9041 Datasheet HTML 39Page - OKI electronic componets ML9041 Datasheet HTML 40Page - OKI electronic componets ML9041 Datasheet HTML 41Page - OKI electronic componets ML9041 Datasheet HTML 42Page - OKI electronic componets ML9041 Datasheet HTML 43Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 55 page
background image
¡ Semiconductor
ML9041
39/54
3) Contrast Adjusting Data Read
This instruction reads contrast adjusting data (G4 to G0) from the contrast register.
Note:
The execution time of this instruction is 37 ms at an oscillation frequency (OSC) of 270
kHz.
4) ABRAM Address Setting
This instruction sets the character data corresponding to the ABRAM address represented by the
bits H4 to H0 (binary).
The ABRAM addresses are valid until CGRAM or DDRAM addresses are set.
The CPU writes or reads character patterns starting from the one represented by the ABRAM
address bits H4 to H0 set in the instruction code at that time.
The ABRAM address represented by bits H4 to H0 (binary) should be in the range “00” to “13”
in hexadecimal.
If an address other than above is input, the ML9041 cannot properly write a character code in or
read it from the DDRAM.
Note:
The execution time of this instruction is 37 ms at an oscillation frequency (OSC) of 270
kHz.
RS1
0
RS0
0
R/W
1
DB7
0
DB6
0
DB5
0
DB4
G4
DB3
G3
DB2
G2
DB1
G1
DB0
G0
Exparsion Instruction code:
RS1
0
RS0
0
R/W
1
DB7
0
DB6
1
DB5
1
DB4
H4
DB3
H3
DB2
H2
DB1
H1
DB0
H0
Exparsion Instruction code:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com