Electronic Components Datasheet Search
  English  ▼

X  

PS9604 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS9604
Description  Stereo, 24-Bit, 192kHz PCM-to-PWM Converter for Full Digital Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS9604 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS9604 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS9604 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS9604 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS9604 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS9604 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS9604 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PULSUS
PS9604
Copyright © Pulsus Technologies Inc. 2000
2
AUGUST 2000 REV0.4
Specifications
ABSOLUTE MAXIMUM RATINGS
Parameter
Min
Max
Units
Power Supply Voltage (VDD to VSS)
VSS – 0.3
4.0
V
Input Current, (Any pin except Supply)
-
±
10
mA
Output Current (/Pin)
-
±
30
mA
Input Voltage (Any pin except 5V tolerant)
VSS – 0.3
VDD + 0.5
V
Input Voltage (5V tolerant Input)
VSS – 0.3
+7.5
V
Storage Temperature
-65
+150
°
C
Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only; functional operation of the device at these or any other conditions above those indicated in the operational section of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability
.
RECOMMENDED OPERATING CONDITIONS
Parameter
Min
Typ
Max
Units
Power Supply Voltage (VDD to VSS)
3.0
3.3
3.6
V
Input Voltage (Any pin except 5V tolerant)
VSS
-
VDD
V
Input Voltage (5V tolerant Input)
VSS
5.5
V
Ambient Operating Temperature
-40
+85
°
C
ELECTRICAL CHARACTERISTICS
Parameter
Min
Typ
Max
Units
Input Leakage Current
-1
-
1
μ
A
High-Level Input Voltage (except RESET)
2.0
-
-
V
Low-Level Input Voltage (except RESET)
-
-
0.8
V
High-Level Input Voltage (RESET)
1.1
-
2.4
V
Low-Level Input Voltage (RESET)
0.6
-
1.8
V
High-Level Output Voltage (IO = 2mA)
VDD – 0.4
-
-
V
Low-Level Output Voltage (IO = 2mA)
-
-
0.4
V
Pull-up Resistance
20
50
100
k
Ω
Pull-down Resistance
20
50
100
k
Ω
Input Capacitance (f = 1MHz, VDD = 0V)
-
-
10
pF
Output Capacitance (f = 1MHz, VDD = 0V)
-
-
10
pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com