Electronic Components Datasheet Search
  English  ▼

X  

PS9604 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PS9604
Description  Stereo, 24-Bit, 192kHz PCM-to-PWM Converter for Full Digital Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS9604 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PS9604 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS9604 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS9604 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS9604 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS9604 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS9604 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PULSUS
PS9604
Copyright © Pulsus Technologies Inc. 2000
4
AUGUST 2000 REV0.4
Pin Descriptions
PIN No.
PIN NAME
I/O
DESCRIPTION
1
VDD
-
Digital Power, +3.3V
2
BCLK
IN
Bit clock input for serial audio data.
BCLK shifts data input on the rising clock edge. Need not run continuously;
may be gated or used in a burst fashion.
This input is 5V tolerant.
3
WCLK
IN
Word clock input for serial audio data.
WCLK latch the shifted data input on the falling clock edge.
This input is 5V tolerant.
4
LDATA
IN
Left channel serial data input.
This input is 5V tolerant.
5
RDATA
IN
Right channel serial data input.
Both LDATA and RDATA are assumed to be MSB-first 2’s-compliment.
If data is absent or held to a constant value (all 0’s or constant values for
8192 words at 44.1/48kHz sampling rate), or any of the input clocks are
removed, an internal MUTE is activated.
This input is 5V tolerant.
6
SF1
OUT
7
SF0
OUT
Sampling rate indication output.
(SF1, SF0) = (0,0) : 44.1kHz
(0,1) : other sampling rate
(1,0) : 48kHz
(1,1) : 32kHz
8
96K
OUT
88.2/96kHz sampling rate indication output.
This pin goes High when the sampling rate is 88.2/96kHz.
9
192K
OUT
176.4/192kHz sampling rate indication output.
This pin goes High when the sampling rate is 176.4/192kHz.
10
FS_CLK
IN
Sampling rate clock input.
This input is 5V tolerant. Internal pull-down resistor.
11
REF_CLK
IN
Reference clock input.
12.288MHz Reference clock is required to detect sampling rate.
This input is 5V tolerant. Internal pull-down resistor.
12
TEST_ENA
-
Chip test mode enabling input.
This pin should be tied to GND for normal operation.
13
SYS_CLK
IN
Master system clock input. Connect to an external clock source.
2048Fs at 32/44.1/48kHz sampling rate,
1024Fs at 88.2/96kHz sampling rate,
512Fs at 176.4/192kHz sampling rate.
This input is 5V tolerant.
14
VSS
-
Digital Ground
15
VSS
-
Digital Ground
16
PWM_L+
OUT
Left channel Positive PWM output.
17
PWM_L-
OUT
Left channel Negative PWM output.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com