Electronic Components Datasheet Search
  English  ▼

X  

PS9604 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PS9604
Description  Stereo, 24-Bit, 192kHz PCM-to-PWM Converter for Full Digital Power Amplifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PS9604 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PS9604 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS9604 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS9604 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS9604 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS9604 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS9604 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PULSUS
PS9604
Copyright © Pulsus Technologies Inc. 2000
3
AUGUST 2000 REV0.4
Pin Assignment
PS9604 (28Lead SOIC, Top View)
BCLK
WCLK
LDATA
RDATA
V
SS
SF1
SF0
REF_CLK
96K
192K
FS_CLK
PWM_R-
PWM_MAP1
PWM_MAP0
PWM_L-
PWM_L+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
PWM_R+
V
DD
V
SS
V
DD
M_INDEX0
M_INDEX1
NS_MODE
MUTE
SYS_CLK
TEST_ENA
RESET
24/20BIT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com