Electronic Components Datasheet Search
  English  ▼

X  

OPA80 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPA80
Description  Near Infrared Light Ring Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPA80 Datasheet(HTML) 4 Page - TT Electronics.

  OPA80 Datasheet HTML 1Page - TT Electronics. OPA80 Datasheet HTML 2Page - TT Electronics. OPA80 Datasheet HTML 3Page - TT Electronics. OPA80 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B.1
01/09
Page 4 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Near Infrared Light Ring Series
OPA80 and OPA83 Series
PN222
A
0.2
5W
Anode
Cathode
An
od
e
Ca
tho
de
Ø0.625 [Ø15.9]
0.2
5W
Vcc
Ø1.250 [Ø31.8]
Vcc
0.
25
W
3B
Anode
Cathode
Ano
de
Cathode
C
ol
le
ct
or
Em
itt
er
PN
222
A
O
P8
30
SL
0.25
W
Vcc
Ano
de
Ca
tho
de
An
od
e
Ca
tho
de
4A
2A
1A
Ø1.250 [Ø31.8]
Ø2.000 [Ø50.8]
0.2
5W
Base
Ø1.250 [Ø31.8]
Da
r
Ano
de
Cath
ode
An
od
e
Ca
tho
de
5B
5A
An
ode
Ca
tho
de
An
od
e
Ca
tho
de
2A
0.25W
0.25W
Col
lect
or
Em
itter
PN2
22A
OP
830
SL
0.2
5W
Base
0.
25
W
Ø1.500 [Ø38.1]
Ø2.250 [Ø57.2]
1A
0.25W
0.25W
An
od
e
Ca
tho
de
Ano
de
Cath
ode
Anode
Cathode
Ano
de
Cath
ode
Anode
Catho
de
Anode
Cathode
1A
1A
1A
1A
Ano
de
Cat
hod
e
An
od
e
Ca
tho
de
1A
1A
Anode
Cathode
Anod
e
Catho
de
1A
1A
0.2
5W
0.2
5W
0.2
5W
PCBoard Layout
10 LED Ring 5 Volts
16 LED Ring 5 Volts
16 LED Ring 5 Volts
20 LED Ring 5 Volts



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com