Electronic Components Datasheet Search
  English  ▼

X  

OPA80 Datasheet(PDF) 2 Page - TT Electronics.

Part # OPA80
Description  Near Infrared Light Ring Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPA80 Datasheet(HTML) 2 Page - TT Electronics.

  OPA80 Datasheet HTML 1Page - TT Electronics. OPA80 Datasheet HTML 2Page - TT Electronics. OPA80 Datasheet HTML 3Page - TT Electronics. OPA80 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B.1
01/09
Page 2 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Near Infrared Light Ring Series
OPA80 and OPA83 Series
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage Temperature
-40° C to +100° C
Lead Soldering Temperature (1/16” (1.6mm) from case for 5 seconds with soldering iron)
260
° C (1)
Operating Temperature
-40° C to +85° C
Notes:
(1)
RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
CONDITIONS
VF
Forward Voltage
(each LED)
850 nm LED
1.20
1.35
1.80
Volts
IF = 20 mA
2 ½lH-H
Viewing Angle (at 50% power points, each component)
3 mm—T3 Package
—
18°
—
Deg.
Total inclusive angle at
50% of maximum
optical power.
Surface Mount—SM Package
25°
VCC
Power Supply Voltage
OPA80, OPA81
OPA82, OPA83
11
4.5
12
5.0
13
5.5
Volts
ICC varies with VCC
Reverse Voltage per Emitter
2.0 V
Continuous Forward Current
50 mA
Peak Forward Current (2 µs pulse width, 0.1% duty cycle)
1.0 A
OPBA80 & OPBA82 Series
OPBA81 & OPBA83 Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com