Electronic Components Datasheet Search
  English  ▼

X  

OPA80 Datasheet(PDF) 1 Page - TT Electronics.

Part # OPA80
Description  Near Infrared Light Ring Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPA80 Datasheet(HTML) 1 Page - TT Electronics.

  OPA80 Datasheet HTML 1Page - TT Electronics. OPA80 Datasheet HTML 2Page - TT Electronics. OPA80 Datasheet HTML 3Page - TT Electronics. OPA80 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue B.1
01/09
Page 1 of 4
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Near Infrared Light Ring Series
OPA80 and OPA83 Series
Ordering Information
OPA80 _
5
_
Vcc 12 Volts, Light Ring with Daylight Light Sensor
OPA81 _
5
_
Vcc 12 Volts, Light Ring with NO Daylight Light Sensor
OPA82 _
5
_
Vcc 5 Volts, Light Ring with Daylight Light Sensor
OPA83 _
5
_
Vcc 5 Volts, Light Ring with NO Daylight Light Sensor
W
5
Y
Z
Type of Optical component Package = W
Z =
Meets RoHS requirements
Through Hole - 3 mm package T3
Qty of LEDs
Surface Mount - SM
Y =
Ring Size ID & OD
12 Volt
5 Volt
A
.625" ID & 1.25" OD
12
10
= 5
B
1.0" ID & 1.75" OD
18
16
C
1.25" ID & 2.0" OD
18
16
D
1.5" ID & 2.25" OD
24
20
Example:
OPA80T35CZ
12 VDC power,
Light Ring with Daylight Light Sensor,
Through Hole 3mm package,
IR - 850 nm center wavelength LED,
Ring Size = 1.25" ID & 2.0" OD with 18 LEDs
Near IR 850 nm center wavelength
Features
•
Designed for Near Infrared wavelength Cameras
•
Daylight Light sensor available
•
Variety of ring sizes
•
Surface Mount or Through Hole Emitters
Description:
The OPA80 through OPA83 series are designed to easily illuminate an area with infrared light for a variety of
uses including security cameras, spot lighting, etc..
The light ring can be purchased with an ambient light sensing device for minimal current drain during high
ambient light conditions. This is great for battery usage and for security cameras during daylight.
A choice of through hole and surface mount LED packages and ring sizes are available.
Custom mounting, electrical, cabling and connectors are available. Contact your local representative or
OPTEK for more information.
Product Photo Here
RoHS
Applications include:
•
Security camera lighting
•
Spot lighting
•
Flash lighting


Similar Part No. - OPA80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810 Datasheet
645Kb / 22P
OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI1-OPA810 Datasheet
3Mb / 50P
OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
OPA810 TI-OPA810 Datasheet
1Mb / 39P
OPAx863A High-Precision, 105-MHz, Rail-to-Rail Input/Output Amplifiers
REVISED AUGUST 2023
More results

Similar Description - OPA80

ManufacturerPart #DatasheetDescription
logo
JDS Uniphase Corporatio...
FFS-733A3 JDSU-FFS-733A3 Datasheet
126Kb / 4P
Fused Coupler, Near Infrared
logo
Marktech Corporate
MT5720-IR MARKTECH-MT5720-IR Datasheet
595Kb / 2P
Near Infrared LED
MT5720-IR MARKTECH-MT5720-IR_15 Datasheet
595Kb / 2P
Near Infrared LED
logo
OptoDiode Corp
NXIR-RF36 OPTODIODE-NXIR-RF36 Datasheet
221Kb / 2P
Near Infrared Reduced Footprint Photodiode
NXIR-RF74 OPTODIODE-NXIR-RF74 Datasheet
217Kb / 2P
Near Infrared Reduced Footprint Photodiode
logo
Texas Instruments
DLP2010NIR TI1-DLP2010NIR Datasheet
742Kb / 39P
0.2 WVGA Near-Infrared DMD
DLP2010NIR TI1-DLP2010NIR_18 Datasheet
720Kb / 39P
2 WVGA Near-Infrared DMD
DLP4500NIR TI1-DLP4500NIR_19 Datasheet
2Mb / 53P
.45 WXGA Near-Infrared DMD
logo
Festo Corporation.
8031161 FESTO-8031161 Datasheet
73Kb / 1P
Ring light
8031162 FESTO-8031162 Datasheet
71Kb / 1P
Ring light
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com