Electronic Components Datasheet Search
  English  ▼

X  

ML9203 Datasheet(PDF) 6 Page - OKI electronic componets

Part # ML9203
Description  5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9203 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button ML9203 Datasheet HTML 2Page - OKI electronic componets ML9203 Datasheet HTML 3Page - OKI electronic componets ML9203 Datasheet HTML 4Page - OKI electronic componets ML9203 Datasheet HTML 5Page - OKI electronic componets ML9203 Datasheet HTML 6Page - OKI electronic componets ML9203 Datasheet HTML 7Page - OKI electronic componets ML9203 Datasheet HTML 8Page - OKI electronic componets ML9203 Datasheet HTML 9Page - OKI electronic componets ML9203 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
¡ Semiconductor
ML9203-xx
6/30
ABSOLUTE MAXIMUM RATINGS
Parameter
Supply Voltage (1)
Symbol
Condition
Rating
Unit
Supply Voltage (2)
Input Voltage
Power Dissipation
Storage Temperature
Output Current
VDD
VDISP
VIN
PD
TSTG
IO3
—
—
—
Ta≥25°C
—
COM1 to COM16
ADA, ADB
SEGA1 to SEGA35,
SEGB1 to SEGB35
–0.3 to 6.5
–0.3 to 70
–0.3 to VDD+0.3
764
–55 to 150
–10 to 0.0
V
V
V
mW
°C
–60 to 0.0
–30 to 0.0
mA
IO1
IO2
mA
mA
RECOMMENDED OPERATING CONDITIONS
Parameter
Supply Voltage (1)
Symbol
Condition
Min.
Typ.
Max.
Unit
Operating Frequency
Frame Frequency
Operating Temperature
VDD
Top
When the power supply
voltage is 5V (typ.)
Oscillation
DIGIT=1 to 16, oscillation
—
4.5
–40
5.0
—
5.5
85
V
°C
3.5
213
4.0
244
4.5
275
MHz
Hz
fOSC
fFR
Supply Voltage (2)
VDISP
—
20
—
60
V
When the power supply
voltage is 3.3V (typ.)
3.0
3.3
3.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com