Electronic Components Datasheet Search
  English  ▼

X  

ML9203 Datasheet(PDF) 13 Page - OKI electronic componets

Part # ML9203
Description  5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9203 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button ML9203 Datasheet HTML 9Page - OKI electronic componets ML9203 Datasheet HTML 10Page - OKI electronic componets ML9203 Datasheet HTML 11Page - OKI electronic componets ML9203 Datasheet HTML 12Page - OKI electronic componets ML9203 Datasheet HTML 13Page - OKI electronic componets ML9203 Datasheet HTML 14Page - OKI electronic componets ML9203 Datasheet HTML 15Page - OKI electronic componets ML9203 Datasheet HTML 16Page - OKI electronic componets ML9203 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
¡ Semiconductor
ML9203-xx
13/30
Data Transfer Method and Command Write Method
Display control command and data are written by an 8-bit serial transfer.
Write timing is shown in the figure below.
Setting the CS pin to "Low" level enables a data transfer.
Data is 8 bits and is sequentially input into the DA pin from LSB (LSB first).
As shown in the figure below, data is read by the shift register at the rising edge of the shift clock,
which is input into the CP pin. If 8-bit data is input, internal load signals are automatically
generated and data is written to each register and RAM.
Therefore it is not necessary to input load signals from the outside.
Setting the CS pin to "High" disables data transfer. Data input from the point when the CS pin
changes from "High" to "Low" is recognized in 8-bit units.
*
When data is written to RAM (DCRAM, ADRAM, CGRAM) continuously, addresses are
internally incremented automatically.
Therefore it is not necessary to specify the 1st byte to write RAM data for the 2nd and later
bytes.
Reset Function
Reset is executed when the RESET pin is set to "L", (when turning power on, for example) and
initializes all functions.
Initial status is as follows.
• Address of each RAM .................. address "00"H
• Data of each RAM ........................ All contents are undefined
• Display digit .................................. 16 digits
• Brightness adjustment ................. 0/1024
• All display lights ON or OFF ..... OFF mode
• Segment output ............................ All segment outputs go "Low"
• AD output ..................................... All AD outputs go "Low"
Please set again according to "Setting Flowchart" after reset.
tDOFF
B0
LSB
CS
CP
DA
B1 B2 B3 B4 B5 B6 B7
B0 B1 B2 B3 B4 B5 B6 B7
MSB
1st byte
LSB
MSB
2nd byte
When data is written to DCRAM* Command and address data
tCSH
B0 B1 B2 B3 B4 B5 B6 B7
LSB
MSB
2nd byte
Character code data of the
next address
Character code data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com