Electronic Components Datasheet Search
  English  ▼

X  

ML9203 Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML9203
Description  5 x 7 Dot Character x 16-Digit x 2-Line Display Controller/Driver with Character RAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9203 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML9203 Datasheet HTML 3Page - OKI electronic componets ML9203 Datasheet HTML 4Page - OKI electronic componets ML9203 Datasheet HTML 5Page - OKI electronic componets ML9203 Datasheet HTML 6Page - OKI electronic componets ML9203 Datasheet HTML 7Page - OKI electronic componets ML9203 Datasheet HTML 8Page - OKI electronic componets ML9203 Datasheet HTML 9Page - OKI electronic componets ML9203 Datasheet HTML 10Page - OKI electronic componets ML9203 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
¡ Semiconductor
ML9203-xx
7/30
ELECTRICAL CHARACTERISTICS
DC Characteristics
Parameter
Symbol
Applied pin
Condition
Min.
Max.
Unit
High Level Input Voltage
VIH
*1
*1
Low Level Input Voltage
VIH=VDD
VIL=0.0V
*1
VIL
IIH
IIL
High Level Input Current
Low Level Input Current
High Level Output
Voltage
VOH1
VOH2
VOH3
COM1 to 16
ADA, ADB
SEG1 to 35
VDISP=60V, IOH1=–50mA
VDISP=60V, IOH2=–20mA
VDISP=60V, IOH3=–5mA
—
Low Level Output
Voltage
—
0.7VDD
–1.0
–1.0
VDISP–1.5
VDISP–1.5
VDISP–1.5
0.3VDD
—
1.0
1.0
—
—
—
V
V
µA
µA
V
V
V
(VDD=5.0V±10%, or VDD=3.3V±10%, VDISP=20 to 60V, Ta=–40 to +85°C, unless otherwise specified)
*1
—
1.0
V
VOL1
VDD=5.0V±10%
VDD=3.3V±10%
VDD=5.0V±10%
VDD=3.3V±10%
—
0.8VDD
0.2VDD
—
V
V
*2
IDD1
IDD2
VDD
VDD=5.0V±10%, fOSC=4.0MHz
VDD=3.3V±10%, fOSC=4.0MHz
—
—
6
4
mA
mA
IDISP1
IDISP2
VDISP
All output lights ON
All output lights OFF
—
—
1
T.B.D
mA
mA
fOSC=4.0MHz,
no load
Current Consumption
*1) CS, CP, DA RESET
*2) SEGA1 to A35, SEGB1 to B35, ADA, COM1 to 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com