Electronic Components Datasheet Search
  English  ▼

X  

ML9261 Datasheet(PDF) 7 Page - OKI electronic componets

Part # ML9261
Description  60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9261 Datasheet(HTML) 7 Page - OKI electronic componets

Back Button ML9261 Datasheet HTML 3Page - OKI electronic componets ML9261 Datasheet HTML 4Page - OKI electronic componets ML9261 Datasheet HTML 5Page - OKI electronic componets ML9261 Datasheet HTML 6Page - OKI electronic componets ML9261 Datasheet HTML 7Page - OKI electronic componets ML9261 Datasheet HTML 8Page - OKI electronic componets ML9261 Datasheet HTML 9Page - OKI electronic componets ML9261 Datasheet HTML 10Page - OKI electronic componets ML9261 Datasheet HTML 11Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
¡ Semiconductor
ML9261/62
7/16
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Condition
Rating
Unit
Applicable to logic supply pin
Supply Voltage (1)
VDD
–0.3 to +6.5
V
Applicable to driver supply pin
Supply Voltage (2)
VDISP
–0.3 to +65
V
Applicable to all input pins
Input Voltage
VIN
–0.3 to VDD +0.3
V
Applicable to DOUT
Output Voltage
VO
–0.3 to VDD +0.3
V
Output Current
IO
–50 to 0.0
mA
Applicable to HVO1 to 60
860
Power Dissipation
PD
mW
Ta £ 25°C
Package Thermal Resistance
Rj-a
145
°C/W
Ta > 25°C
Storage Temperature
TSTG
–55 to +150
°C
—
*1
*1, *2
*1
*1
Withstand Output Voltage
*1, *2
VHVO
–0.3 to VDISP +0.3
V
Applicable to HVO1 to 60
*3
Notes: *1 Supply Voltage with respect to L-GND and D-GND
*2 Permanent damage may be caused if the voltage is supplied over the rating value.
*3 Package Thermal Resistance (between junction and ambient)
The junction temperature (Tj) expressed by the equation indicated below should not
exceed 150
°C.
Tj=P ¥ Rj–a+Ta (P: Maximum power consumption)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com