Electronic Components Datasheet Search
  English  ▼

X  

ML9261 Datasheet(PDF) 10 Page - OKI electronic componets

Part # ML9261
Description  60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9261 Datasheet(HTML) 10 Page - OKI electronic componets

Back Button ML9261 Datasheet HTML 6Page - OKI electronic componets ML9261 Datasheet HTML 7Page - OKI electronic componets ML9261 Datasheet HTML 8Page - OKI electronic componets ML9261 Datasheet HTML 9Page - OKI electronic componets ML9261 Datasheet HTML 10Page - OKI electronic componets ML9261 Datasheet HTML 11Page - OKI electronic componets ML9261 Datasheet HTML 12Page - OKI electronic componets ML9261 Datasheet HTML 13Page - OKI electronic componets ML9261 Datasheet HTML 14Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
¡ Semiconductor
ML9261/62
10/16
—
CLK-LS Setup Time
ns
LS-CLK Setup Time
LS-CHG Setup Time
LS Pulse Width
50
ns
ns
ns
ns
50
50
50
80
—
—
—
—
CHG Pulse Width
Driver Output Slew Rate
ms
ms
ms
5.0
5.0
—
—
—
10
tH (CLK-D)
tSU (CLK-LS)
tSU (LS-CLK)
tSU (LS-CHG)
tW (LS)
tTHL
tTLH
tW (CHG)
ns
50
—
tSU (LS-CL)
CL Pulse Width
ms
10
—
tW (CL)
ns
—50
tPD, tPRD
Driver Output Delay Time
ms
—
1.0
tDLH
ms
—
1.0
tDHL
(VDD=4.5 to 5.5V, VDISP=40V, Ta=–40 to +85°C)
DIN Hold Time
LS-CL Setup Time
DOUT Delay time
Max.
Min.
Unit
Symbol
Parameter
Condition
150
DIN Setup Time
ns
80
ns
50
—
tW (CLK)
tSU (D-CLK)
CLK Pulse Width
ns
50
—
tSU (L-CLK)
During normal operation
At display data reset
CLK-LS Hold Time
ns
50
—
tH (CLK-L)
At display data reset
Load: 30pF
ms
—
1.0
tDRHL
Load: 2.0kW resistance in
parallel with 20pF capacitance
Load: 2.0kW resistance in
parallel with 20pF capacitance
AC Characteristics-1
AC Characteristics-2
—
CLK-LS Setup Time
ns
LS-CLK Setup Time
LS-CHG Setup Time
LS Pulse Width
50
ns
ns
ns
ns
50
50
50
80
—
—
—
—
CHG Pulse Width
Driver Output Slew Rate
ms
ms
ms
5.0
5.0
—
—
—
10
tH (CLK-D)
tSU (CLK-LS)
tSU (LS-CLK)
tSU (LS-CHG)
tW (LS)
tTHL
tTLH
tW (CHG)
ns
50
—
tSU (LS-CL)
CL Pulse Width
ms
10
—
tW (CL)
ns
—50
tPD, tPRD
Driver Output Delay Time
ms
—
3.0
tDLH
ms
—
3.0
tDHL
(VDD=3.0 to 3.6V, VDISP=40V, Ta=–40 to +85°C)
DIN Hold Time
LS-CL Setup Time
DOUT Delay time
Max.
Min.
Unit
Symbol
Parameter
Condition
—
50
ns
tSU (D-CLK)
DIN Setup Time
150
80
ns
tW (CLK)
CLK Pulse Width
During normal operation
ns
50
—
tSU (L-CLK)
At display data reset
CLK-LS
ns
50
—
tH (CLK-L)
At display data reset
Load: 30pF
ms
—
3.0
tDRHL
Load: 2.0kW resistance in
parallel with 20pF capacitance
Load: 2.0kW resistance in
parallel with 20pF capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com