Electronic Components Datasheet Search
  English  ▼

X  

ML9261 Datasheet(PDF) 8 Page - OKI electronic componets

Part # ML9261
Description  60-Bit Vacuum Fluorescent Display Tube Grid/Anode Driver
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

ML9261 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button ML9261 Datasheet HTML 4Page - OKI electronic componets ML9261 Datasheet HTML 5Page - OKI electronic componets ML9261 Datasheet HTML 6Page - OKI electronic componets ML9261 Datasheet HTML 7Page - OKI electronic componets ML9261 Datasheet HTML 8Page - OKI electronic componets ML9261 Datasheet HTML 9Page - OKI electronic componets ML9261 Datasheet HTML 10Page - OKI electronic componets ML9261 Datasheet HTML 11Page - OKI electronic componets ML9261 Datasheet HTML 12Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
¡ Semiconductor
ML9261/62
8/16
RECOMMENDED OPERATING CONDITIONS-1
Unit Power Supply: 5.0V (Typ.)
Parameter
Max
Power Supply (1)
V
Power Supply (2)
"H" Input Voltage
"L" Input Voltage
Symbol
Condition
—
—
Applicable to all inputs
Applicable to all inputs
Typ.
Unit
V
V
V
VDD
VDISP
VIH
VIL
5.0
—
—
—
5.5
60
—
0.3VDD
Driver Output Current
CLK Frequency
Operating Temperature
°C
MHz
mA
mA
+85
4.0
–40
–120
—
—
—
—
TOP
fCLK
IOHVH1
IOHVH2
All outputs are ON.
Only 1 output is ON.
—
—
Min
4.5
20
0.7VDD
—
–40
—
—
—
RECOMMENDED OPERATING CONDITIONS-2
Unit Power Supply: 3.3V (Typ.)
Parameter
Max
Power Supply (1)
V
Power Supply (2)
"H" Input Voltage
"L" Input Voltage
Symbol
Condition
—
—
Applicable to all inputs
Applicable to all inputs
Typ.
Unit
V
V
V
VDD
VDISP
VIH
VIL
3.3
—
—
—
3.6
60
—
0.2VDD
Driver Output Current
CLK Frequency
Operating Temperature
°C
MHz
mA
mA
+85
4.0
–40
–120
—
—
—
—
TOP
fCLK
IOHVH1
IOHVH2
All outputs are ON.
Only 1 output is ON.
—
—
Min
3.0
20
0.8VDD
—
–40
—
—
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com