Electronic Components Datasheet Search
  English  ▼

X  

TL497AC Datasheet(PDF) 7 Page - Texas Instruments

Part # TL497AC
Description  SWITCHING VOLTAGE REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL497AC Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL497AC Datasheet HTML 3Page - Texas Instruments TL497AC Datasheet HTML 4Page - Texas Instruments TL497AC Datasheet HTML 5Page - Texas Instruments TL497AC Datasheet HTML 6Page - Texas Instruments TL497AC Datasheet HTML 7Page - Texas Instruments TL497AC Datasheet HTML 8Page - Texas Instruments TL497AC Datasheet HTML 9Page - Texas Instruments TL497AC Datasheet HTML 10Page - Texas Instruments TL497AC Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TL497AC, TL497AI, TL497AY
SWITCHING VOLTAGE REGULATORS
SLVS009C – JUNE 1976 – REVISED AUGUST 1995
4–7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
DESIGN EQUATIONS
I
(PK) +
2I
O
max
L(
mH) +
V
I
–V
O
I
(PK)
ton(ms)
C
T
(pF)
[ 12 ton(ms)
R1
+ (V
O *
1.2) k
W
Choose L (50 to 500
µH), calculate
ton (10 to 150 µs)
R
CL +
0.5 V
I
(PK)
C
O
(
mF) [ ton(ms)
V
I *
V
O
V
O
I
(PK) )
I
O
V
ripple
(PK)
VI
RCL
8
10
13
14
TL497A
1
2
345
6
7
R2 = 1.2 k
Ω
R1
CO
VO
VI
RCL
14
13
10
8
12
3
4
5
6
7
TL497A
L
R1
R2 = 1.2 k
Ω
EXTENDED POWER CONFIGURATION
(using external transistor)
L
VO
CO
CT
CT
BASIC CONFIGURATION
(Peak Switching Current = I(PK) < 500 mA)
Figure 2. Positive Regulator, Step-Down Configurations



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com