Electronic Components Datasheet Search
  English  ▼

X  

TL497AC Datasheet(PDF) 2 Page - Texas Instruments

Part # TL497AC
Description  SWITCHING VOLTAGE REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL497AC Datasheet(HTML) 2 Page - Texas Instruments

  TL497AC Datasheet HTML 1Page - Texas Instruments TL497AC Datasheet HTML 2Page - Texas Instruments TL497AC Datasheet HTML 3Page - Texas Instruments TL497AC Datasheet HTML 4Page - Texas Instruments TL497AC Datasheet HTML 5Page - Texas Instruments TL497AC Datasheet HTML 6Page - Texas Instruments TL497AC Datasheet HTML 7Page - Texas Instruments TL497AC Datasheet HTML 8Page - Texas Instruments TL497AC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TL497AC, TL497AI, TL497AY
SWITCHING VOLTAGE REGULATORS
SLVS009C – JUNE 1976 – REVISED AUGUST 1995
4–2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
description (continued)
Simplicity of design is a primary feature of the TL497AC and TL497AI. With only six external components (three
resistors, two capacitors, and one inductor), the TL497AC and TL497AI operates in numerous voltage
conversion applications (step-up, step-down, invert) with as much as 85% of the source power delivered to the
load. The TL497AC and TL497AI replace the TL497 in all applications.
The TL497AC is characterized for operation from 0
°C to 70°C, and the TL497AI is characterized for operation
from – 40
°C to 85°C.
functional block diagram
BASE†
11
12
BASE DRIVE†
CUR LIM SENS
FREQ CONTROL
INHIBIT
SUBSTRATE
COMP INPUT
CATHODE
Current
Limit
Sense
13
3
2
1
4
6
1.2-V
Reference
10
8
7
COL OUT
EMIT OUT
ANODE
Oscillator
† BASE and BASE DRIVE are used for device testing only. They are not normally used in circuit applications of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com