Electronic Components Datasheet Search
  English  ▼

X  

TL497AC Datasheet(PDF) 3 Page - Texas Instruments

Part # TL497AC
Description  SWITCHING VOLTAGE REGULATORS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL497AC Datasheet(HTML) 3 Page - Texas Instruments

  TL497AC Datasheet HTML 1Page - Texas Instruments TL497AC Datasheet HTML 2Page - Texas Instruments TL497AC Datasheet HTML 3Page - Texas Instruments TL497AC Datasheet HTML 4Page - Texas Instruments TL497AC Datasheet HTML 5Page - Texas Instruments TL497AC Datasheet HTML 6Page - Texas Instruments TL497AC Datasheet HTML 7Page - Texas Instruments TL497AC Datasheet HTML 8Page - Texas Instruments TL497AC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TL497AC, TL497AI, TL497AY
SWITCHING VOLTAGE REGULATORS
SLVS009C – JUNE 1976 – REVISED AUGUST 1995
4–3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TL497AY chip information
This chip, when properly assembled, displays characteristics similar to the TL497AC. Thermal compression or
ultrasonic bonding may be used on the doped aluminum bonding pads. The chips may be mounted with
conductive epoxy or a gold-silicon preform.
BONDING PAD ASSIGNMENTS
FREQ CONTROL
COMP INPUT
SUBSTRATE
CATHODE
CUR
LIM
SENS
BASE
DRIVE† BASE†
GND
V
CC
TL497AY
COL
OUT
EMIT
OUT
ANODE
(13)
(12)
(11)
(3)
(2)
(1)
(4)
(6)
(8)
(7)
(10)
(14)
(5)
CHIP THICKNESS: 15 MILS TYPICAL
BONDING PADS: 4
× 4 MILS MINIMUM
TJmax= 150°C
TOLERANCES ARE
±10%
ALL DIMENSIONS ARE IN MILS
INHIBIT
68
115
† BASE (11) and BASE DRIVE (12) are used for device testing
only. They are not normally used in circuit applications of the
device.
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(14)
(10)
(11)
(12)
(13)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com