Electronic Components Datasheet Search
  English  ▼

X  

SSD1818A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SSD1818A
Description  LCD Segment / Common Driver with Controller
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1818A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SSD1818A Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1818A Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 47 page
background image
SSD1818A
Rev 1.2
P 7/47
Mar 2004
Solomon Systech
5. DIE PAD ARRANGEMENT
Figure 2 – SSD1818A Pin Assignment
Gold Bump Alignment Mark
This alignment mark contains gold bump
for IC bumping process alignment and IC
identifications.
No
conductive
tracks
should be laid underneath this mark to
avoid short circuit.
Note:
1. The gold bumps face up in this
diagram
2. All dimensions in µm and (0,0)
is the center of the chip
Die Size:
8.66 mm X 1.48 mm
Die Thickness: 550 +/- 25 um
Bump Pitch:
60 um [Min]
Bump Height:
Nominal 18 um
Tolerance:
< 3 um within die
PIN #1
(-3878.7, 237.475)
X
35
8.75
X
Center (-3876.1625, 323.6625)
26.25
26.25
26.25
X
Center (2751.9625, 323.6625)
26.25
26.25
26.25
Center (3875.55, 149.275)
16.8 13.65 12.6
73.5
X
8.75
(2755.725, 237.475)
35
T2
T1
T0
/SPI
VSS
IRS
VDD
C1
VSS
C0
VDD
P/S
C68/80
VSS
CLS
M/S
VDD
VF
VL6
VL6
VL6
VL5
VL5
VL5
VL4
VL4
VL4
VEE
VL3
VL3
VL3
VL2
VL2
VL2
VEE
C4N
C4N
C4N
C2P
C2P
C2P
C2N
C2N
C2N
VEE
C1N
C1N
C1N
C1P
C1P
C1P
C3N
C3N
C3N
TEST2
VEE
VEE
VEE
VEE
VEE
VEE
VSS1
VSS1
VSS1
VSS1
VSS1
VSS
VSS
VSS
TEST1
TEST0
VDD
VDD
VDD
VDD
VDD
VDD
VDD
D7
D6
D5
D4
D3
D2
D1
D0
VDD
E/RD
R/W
VSS
D/C
VEE
VEE
/RES
VDD
CS2
/CS1
VSS
/DOF
CL
M
MSTAT
ROW10
ROW9
ROW8
ROW7
ROW6
ROW5
ROW4
ROW3
ROW2
ROW1
ROW0
ICONS
SEG0
SEG1
SEG2
SEG3
SEG4
SEG5
SEG6
SEG7
SEG8
SEG9
SEG10
SEG11
SEG12
SEG13
SEG14
SEG15
SEG16
SEG17
SEG18
SEG19
SEG20
SEG21
SEG22
SEG23
SEG24
SEG25
SEG26
SEG27
SEG28
SEG29
SEG30
SEG31
SEG32
SEG33
SEG34
SEG35
SEG92
SEG93
SEG94
SEG95
SEG96
SEG97
SEG98
SEG99
SEG100
SEG101
SEG102
SEG103
ROW32
ROW33
ROW34
ROW35
ROW36
ROW37
ROW38
ROW39
ROW40
ROW41
ROW42
ROW43
254 255
1
277
276
126
125
104 103
(-3878.7, 237.475)
(2755.725, 237.475)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com