Electronic Components Datasheet Search
  English  ▼

X  

TUSB5052B Datasheet(PDF) 33 Page - Texas Instruments

Part # TUSB5052B
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052B Datasheet(HTML) 33 Page - Texas Instruments

Back Button TUSB5052B Datasheet HTML 29Page - Texas Instruments TUSB5052B Datasheet HTML 30Page - Texas Instruments TUSB5052B Datasheet HTML 31Page - Texas Instruments TUSB5052B Datasheet HTML 32Page - Texas Instruments TUSB5052B Datasheet HTML 33Page - Texas Instruments TUSB5052B Datasheet HTML 34Page - Texas Instruments TUSB5052B Datasheet HTML 35Page - Texas Instruments TUSB5052B Datasheet HTML 36Page - Texas Instruments TUSB5052B Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 84 page
background image
5–1
5 USB Registers
5.1
FUNADR: Function Address Register
This register contains the device function address.
RSV
FA6
FA5
FA4
FA3
FA2
FA1
FA0
7
6
5
4
32
10
R/O
R/W
R/W
R/W
R/W
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
6–0
FA[6:0]
00
These bits define the current device address assigned to the function. The MCU writes a value to this register as
a result of the
SET-ADDRESS host command.
7
RSV
0
Reserved = 0
5.2
USBSTA: USB Status Register
All bits in this register are set by the hardware and are cleared by the MCU when writing a 1 to the proper bit location
(writing a 0 has no effect). In addition, each bit can generate an interrupt if its corresponding mask bit is set (R/C
notation indicates read and clear only by the MCU).
RSTR
SUSR
RESR
UR2RI
UR1RI
SETUP
WAKEUP
STPOW
7
6
5
4
32
10
R/C
R/C
R/C
R/C
R/C
R/C
R/C
R/C
BIT
NAME
RESET
FUNCTION
0
STPOW
0
SETUP overwrite bit. Set by hardware when setup packet is received while there is already a packet in the setup
buffer.
STPOW = 0
MCU can clear this bit by writing a 1 (Writing 0 has no effect).
STPOW = 1
SETUP overwrite
1
WAKEUP
0
Remote wake-up bit
WAKEUP = 0 The MCU can clear this bit by writing a 1 (Writing 0 has no effect).
WAKEUP = 1 Remote wake-up request from WAKEUP pin
2
SETUP
0
SETUP transaction received bit. As long as SETUP is 1, IN and OUT on endpoint-0 will be NAKed, regardless of
their real NAK bits value.
SETUP = 0
MCU can clear this bit by writing a 1 (Writing 0 has no effect).
SETUP = 1
SETUP transaction received
3
UR1RI
0
UART1 RI status bit
UR1RI = 0
The MCU can clear this bit by writing a 1 (Writing 0 has no effect).
UR1RI = 1
Ring detected
4
UR2RI
0
UART1 RI status bit
UR2RI = 0
The MCU can clear this bit by writing a 1 (Writing 0 has no effect).
UR2RI = 1
Ring detected
5
RESR
0
Function resume request bit
RESR = 0
The MCU can clear this bit by writing a 1 (Writing 0 has no effect).
RESR = 1
Function resume is detected.
6
SUSR
0
Function suspended request bit. This bit is set in response to a global or selective suspend condition.
FSUSP = 0
The MCU can clear this bit by writing a 1 (Writing 0 has no effect).
FSUSP = 1
Function suspend is detected.
7
RSTR
0
Function reset request bit. This bit is set in response to host initiating a port reset. This bit will not be affected by
USB function reset.
FRST = 0
The MCU can clear this bit by writing a 1 (Writing 0 has no effect).
FRST = 1
Function reset is detected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com