Electronic Components Datasheet Search
  English  ▼

X  

TUSB5052B Datasheet(PDF) 71 Page - Texas Instruments

Part # TUSB5052B
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052B Datasheet(HTML) 71 Page - Texas Instruments

Back Button TUSB5052B Datasheet HTML 67Page - Texas Instruments TUSB5052B Datasheet HTML 68Page - Texas Instruments TUSB5052B Datasheet HTML 69Page - Texas Instruments TUSB5052B Datasheet HTML 70Page - Texas Instruments TUSB5052B Datasheet HTML 71Page - Texas Instruments TUSB5052B Datasheet HTML 72Page - Texas Instruments TUSB5052B Datasheet HTML 73Page - Texas Instruments TUSB5052B Datasheet HTML 74Page - Texas Instruments TUSB5052B Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 84 page
background image
9–3
Table 9–2. Vector Interrupt Values
G[3:0]
(Hex)
I[2:0]
(Hex)
VECTOR
(Hex)
INTERRUPT SOURCE
0
0
00
No interrupt
1
0
10
Not used
1
1
12
Output-end-point-1
1
2
14
Output-end-point-2
1
3
16
Output-end-point-3
1
4
18
Output-end-point-4
1
5
1A
Output-end-point-5
1
6
1C
Output-end-point-6
1
7
1E
Output-end-point-7
2
0
20
Not used
2
1
22
Input-end-point-1
2
2
24
Input-end-point-2
2
3
26
Input-end-point-3
2
4
28
Input-end-point-4
2
5
2A
Input-end-point-5
2
6
2C
Input-end-point-6
2
7
2E
Input-end-point-7
3
0
30
STPOW packet received
3
1
32
SETUP packet received
3
2
34
RESERVED
3
3
36
RESERVED
3
4
38
RESR interrupt
3
5
3A
SUSR interrupt
3
6
3C
RSTR interrupt
3
7
3E
Reserved
4
0
40
I2C TXE interrupt
4
1
42
I2C RXF interrupt
4
2
44
Input-end-point-0
4
3
46
Output-end-point-0
4
4-7
48 4E
Not used
5
0
50
UART1-status interrupt
5
1
52
UART1-modem interrupt
5
2
54
UART2-status interrupt
5
3
56
UART2-modem interrupt
5
4-7
58 5E
Not used
6
0
60
UART1-RXF interrupt
6
1
62
UART1-TXE interrupt
6
2
64
UART2-RXF interrupt
6
3
66
UART2-TXE interrupt
6
4-7
68 6E
Not used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com