Electronic Components Datasheet Search
  English  ▼

X  

TUSB5052B Datasheet(PDF) 73 Page - Texas Instruments

Part # TUSB5052B
Description  USB to 2-Serial 1-Parallel Controller With Configurable Optional Hub
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB5052B Datasheet(HTML) 73 Page - Texas Instruments

Back Button TUSB5052B Datasheet HTML 69Page - Texas Instruments TUSB5052B Datasheet HTML 70Page - Texas Instruments TUSB5052B Datasheet HTML 71Page - Texas Instruments TUSB5052B Datasheet HTML 72Page - Texas Instruments TUSB5052B Datasheet HTML 73Page - Texas Instruments TUSB5052B Datasheet HTML 74Page - Texas Instruments TUSB5052B Datasheet HTML 75Page - Texas Instruments TUSB5052B Datasheet HTML 76Page - Texas Instruments TUSB5052B Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 84 page
background image
10–1
10 I2C Port
10.1 I2C Registers
10.1.1 I2CSTA: I2C Status and Control Register
This register is used to control the stop condition for read and write operations. In addition, it provides transmitter and
receiver handshake signals with their respective interrupt-enable bits.
RXF
RIE
ERR
1/4
TXE
TIE
SRD
SWR
7
6
5
4
32
10
R/W
R/W
R/C
R/W
R/O
R/W
R/W
R/W
BIT
NAME
RESET
FUNCTION
0
SWR
0
Stop write condition. This bit determines if the I2C controller generates a stop condition when data from the
I2CDAO register are transmitted to an external device.
SWR = 0 Stop condition is
not generated when data from the I2CDAO register are shifted out to an external
device.
SWR = 1 Stop condition is generated when data from the I2CDAO register are shifted out to an external device.
1
SRD
0
Stop read condition. This bit determines if the I2C controller generates a stop condition when data are received
and loaded into the I2CDAI register.
SRD = 0 Stop condition is
not generated when data from SDA line is shifted into I2CDAI register.
SRD = 1 Stop condition is generated when data from SDA line are shifted into I2CDAI register.
2
TIE
0
I2C transmitter empty interrupt enable.
TIE = 0
Interrupt disable
TIE = 1
Interrupt enable
3
TXE
1
I2C transmitter empty. This bit indicates that data can be written to the transmitter. It can be used for polling or it can
generate an interrupt.
TXE=0
Transmitter is full. This bit is cleared when the MCU writes a byte to the I2CDAO register.
TXE=1
Transmitter is empty. The I2C controller sets this bit when the contents of the I2CDAO register are
copied to the SDA shift register.
4
1/4
0
Bus speed selection.
1/4= 0
100-kHz bus speed
1/4= 1
400-kHz bus speed
5
ERR
0
Bus error condition. This bit is set by the hardware when the device does not respond. It is cleared by the MCU.
ERR = 0 No bus error
ERR = 1 Bus error condition has been detected. Clears when the MCU writes a 1. Writing a 0 has no effect.
6
RIE
0
I2C receiver ready interrupt enable.
RIE = 0
Interrupt disable
RIE = 1
Interrupt enable
7
RXF
0
I2C receiver full. This bit indicates that the receiver contains new data. It can be used for polling or it can generate
an interrupt.
RXF=0
Receiver is empty. This bit is cleared when the MCU reads the I2CDAI register.
RXF=1
Receiver contains new data. This bit is set by the I2C controller when the received serial data has been
loaded into the I2CDAI register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com