Electronic Components Datasheet Search
  English  ▼

X  

AD9704 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9704
Description  Digital-to-Analog Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9704 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9704 Datasheet HTML 13Page - Analog Devices AD9704 Datasheet HTML 14Page - Analog Devices AD9704 Datasheet HTML 15Page - Analog Devices AD9704 Datasheet HTML 16Page - Analog Devices AD9704 Datasheet HTML 17Page - Analog Devices AD9704 Datasheet HTML 18Page - Analog Devices AD9704 Datasheet HTML 19Page - Analog Devices AD9704 Datasheet HTML 20Page - Analog Devices AD9704 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Data Sheet
AD9704/AD9705/AD9706/AD9707
Rev. D | Page 17 of 42
fOUT (MHz)
45
0
1020304050607080
50
55
60
65
70
75
80
85
90
95
OTCM = 1.2V
OTCM = 0V
OTCM = 0.3V
Figure 13. SFDR vs. fOUT and OTCM @ 175 MSPS
AOUT (dBFS)
45
–10
–8–6–4–2
0
50
55
60
65
70
75
80
85
90
95
fCLOCK = 125MSPS
fCLOCK = 65MSPS
fCLOCK = 175MSPS
Figure 14. SFDR vs. AOUT and fCLOCK at fOUT = fCLOCK/5
FREQUENCY (MHz)
–160
–155
–150
–145
–140
–135
–130
–125
0
1020
30
4050
607080
125MSPS
65MSPS
175MSPS
Figure 15. NSD vs. fOUT and fCLOCK @ 0 dBFS
FREQUENCY (MHz)
–165
–160
–155
–150
–145
–140
–135
–130
–125
–120
0
1020304050607080
1mA
2mA
5mA
Figure 16. NSD vs. fOUT and IOUTFS @ 175 MSPS
LOWER
fOUT (MHz)
45
0
1020304050607080
50
55
60
65
70
75
80
85
90
95
fCLOCK = 125MSPS
fCLOCK = 75MSPS
fCLOCK = 175MSPS
Figure 17. Dual-Tone IMD vs. Lower fOUT and fCLOCK @ 0 dBFS
LOWER
fOUT (MHz)
45
0
1020304050607080
50
55
60
65
70
75
80
85
90
95
+25°C
–40°C
+85°C
Figure 18. Dual-Tone IMD vs. Lower fOUT and Temperature at 0 dBFS,
175 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com