Electronic Components Datasheet Search
  English  ▼

X  

AD9704 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9704
Description  Digital-to-Analog Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9704 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9704 Datasheet HTML 16Page - Analog Devices AD9704 Datasheet HTML 17Page - Analog Devices AD9704 Datasheet HTML 18Page - Analog Devices AD9704 Datasheet HTML 19Page - Analog Devices AD9704 Datasheet HTML 20Page - Analog Devices AD9704 Datasheet HTML 21Page - Analog Devices AD9704 Datasheet HTML 22Page - Analog Devices AD9704 Datasheet HTML 23Page - Analog Devices AD9704 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
AD9704/AD9705/AD9706/AD9707
Data Sheet
Rev. D | Page 20 of 42
VDD = 1.8 V, IOUTFS = 1 mA, unless otherwise noted.
1
10
100
FREQUENCY (MHz)
45
50
55
60
65
70
75
80
85
90
95
65MSPS
10MSPS
80MSPS
125MSPS
Figure 27. SFDR vs. fOUT
01
2345
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
Figure 28. SFDR vs. fOUT at 10 MSPS
0
5
10
15
20
35
40
25
30
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
Figure 29. SFDR vs. fOUT at 80 MSPS
0
5
10
15
20
35
25
30
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
IOUTFS = 1mA
IOUTFS = 2mA
Figure 30. SFDR vs. fOUT and IOUTFS at 65 MSPS
0
5
10
15
20
35
40
25
30
fOUT (MHz)
45
50
55
60
65
70
75
80
85
90
95
IOUTFS = 1mA
IOUTFS = 2mA
Figure 31. SFDR vs. fOUT and IOUTFS at 80 MSPS
–10
–8–6–4–2
0
AOUT (dBFS)
45
50
55
60
65
70
75
80
85
90
95
fCLOCK = 65MSPS
fCLOCK = 80MSPS
Figure 32. SFDR vs. AOUT at fOUT = fCLOCK/5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com