Electronic Components Datasheet Search
  English  ▼

X  

AD9704 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9704
Description  Digital-to-Analog Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9704 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9704 Datasheet HTML 19Page - Analog Devices AD9704 Datasheet HTML 20Page - Analog Devices AD9704 Datasheet HTML 21Page - Analog Devices AD9704 Datasheet HTML 22Page - Analog Devices AD9704 Datasheet HTML 23Page - Analog Devices AD9704 Datasheet HTML 24Page - Analog Devices AD9704 Datasheet HTML 25Page - Analog Devices AD9704 Datasheet HTML 26Page - Analog Devices AD9704 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 42 page
background image
Data Sheet
AD9704/AD9705/AD9706/AD9707
Rev. D | Page 23 of 42
AD9704, AD9705 AND AD9706
VDD = 3.3 V, IOUTFS = 2 mA, unless otherwise noted.
fOUT (MHz)
–160
–155
–115
–120
–125
–130
–135
–140
–145
–150
040
20
60
80
14-BIT
12-BIT
10-BIT
8-BIT
Figure 44. AD9704/AD9705/AD9706/AD9707 NSD vs. fOUT at 0 dBFS,
175 MSPS
0.03
0.02
0
–0.01
0.01
–0.02
0
50
100
150
200
250
CODE
Figure 45. AD9704 Typical Uncalibrated INL
0.01
0
–0.01
–0.03
–0.02
0
50
100
150
200
250
CODE
Figure 46. AD9704 Typical Uncalibrated DNL
0.01
0
–0.01
0
200
400
600
800
1000
CODE
Figure 47. AD9705 Typical Uncalibrated INL
0.01
0
–0.01
0
200
400
600
800
1000
CODE
Figure 48. AD9705 Typical Uncalibrated DNL
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
0
1000
2000
3000
4000
CODE
Figure 49. AD9706 Typical Uncalibrated INL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com