Electronic Components Datasheet Search
  English  ▼

X  

AD9705 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9705
Description  Digital-to-Analog Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705 Datasheet(HTML) 1 Page - Analog Devices

  AD9705 Datasheet HTML 1Page - Analog Devices AD9705 Datasheet HTML 2Page - Analog Devices AD9705 Datasheet HTML 3Page - Analog Devices AD9705 Datasheet HTML 4Page - Analog Devices AD9705 Datasheet HTML 5Page - Analog Devices AD9705 Datasheet HTML 6Page - Analog Devices AD9705 Datasheet HTML 7Page - Analog Devices AD9705 Datasheet HTML 8Page - Analog Devices AD9705 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
8-/10-/12-/14-Bit, 175 MSPS TxDAC
Digital-to-Analog Converters
Data Sheet
AD9704/AD9705/AD9706/AD9707
Rev. D
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevices for itsuse,nor foranyinfringementsofpatentsor other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
175 MSPS update rate
Low power member of pin-compatible
TxDAC product family
Low power dissipation
12 mW at 80 MSPS, 1.8 V
50 mW at 175 MSPS, 3.3 V
Wide supply voltage: 1.7 V to 3.6 V
SFDR to Nyquist
AD9707: 84 dBc at 5 MHz output
AD9707: 83 dBc at 10 MHz output
AD9707: 75 dBc at 20 MHz output
Adjustable full-scale current outputs: 1 mA to 5 mA
On-chip 1.0 V reference
CMOS-compatible digital interface
Common-mode output: adjustable 0 V to 1.2 V
Power-down mode <2 mW at 3.3 V (SPI controllable)
Self-calibration
Compact 32-lead LFCSP, RoHS compliant package
GENERAL DESCRIPTION
The AD9704/AD9705/AD9706/AD9707 are the fourth-generation
family in the TxDAC series of high performance, CMOS digital-to-
analog converters (DACs). This pin-compatible, 8-/10-/12-/14-bit
resolution family is optimized for low power operation, while
maintaining excellent dynamic performance. The AD9704/
AD9705/AD9706/AD9707 family is pin-compatible with the
AD9748/AD9740/AD9742/AD9744 family of TxDAC converters
and is specifically optimized for the transmit signal path of
communication systems. All of the devices share the same
interface, LFCSP package, and pinout, providing an upward or
downward component selection path based on performance,
resolution, and cost. The AD9704/AD9705/AD9706/AD9707
offers exceptional ac and dc performance, while supporting
update rates up to 175 MSPS.
The flexible power supply operating range of 1.7 V to 3.6 V and low
power dissipation of the AD9704/AD9705/AD9706/AD9707 parts
make them well suited for portable and low power applications.
Power dissipation of the AD9704/AD9705/AD9706/AD9707 can
be reduced to 15 mW, with a small trade-off in performance, by
lowering the full-scale current output. In addition, a power-down
mode reduces the standby power dissipation to approximately
2.2 mW.
The AD9704/AD9705/AD9706/AD9707 has an optional serial
peripheral interface (SPI®) that provides a higher level of program-
mability to enhance performance of the DAC. An adjustable
output, common-mode feature allows for easy interfacing to other
components that require common modes from 0 V to 1.2 V.
Edge-triggered input latches and a 1.0 V temperature-compensated
band gap reference have been integrated to provide a complete,
monolithic DAC solution. The digital inputs support 1.8 V and
3.3 V CMOS logic families.
PRODUCT HIGHLIGHTS
1.
Pin Compatible. The AD9704/AD9705/AD9706/AD9707
line of TxDAC® converters is pin-compatible with the
AD9748/AD9740/AD9742/AD9744 TxDAC line (LFCSP
package).
2.
Low Power. Complete CMOS DAC operates on a single
supply of 3.6 V down to 1.7 V, consuming 50 mW (3.3 V)
and 12 mW (1.8 V). The DAC full-scale current can be
reduced for lower power operation. Sleep and power-down
modes are provided for low power idle periods.
3.
Self-Calibration. Self-calibration enables true 14-bit INL
and DNL performance in the AD9707.
4.
Twos Complement/Binary Data Coding Support. Data
input supports twos complement or straight binary data
coding.
5.
Flexible Clock Input. A selectable high speed, single-ended,
and differential CMOS clock input supports 175 MSPS
conversion rate.
6.
Device Configuration. Device can be configured through
pin strapping, and SPI control offers a higher level of
programmability.
7.
Easy Interfacing to Other Components. Adjustable
common-mode output allows for easy interfacing to other
signal chain components that accept common-mode levels
from 0 V to 1.2 V.
8.
On-Chip Voltage Reference. The AD9704/AD9705/AD9706/
AD9707 include a 1.0 V temperature-compensated band
gap voltage reference.
9.
Industry-Standard 32-Lead LFCSP Package.


Similar Part No. - AD9705

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9705-EB AD-AD9705-EB Datasheet
2Mb / 52P
8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
7/06-Revision 0
AD9705BCPZ AD-AD9705BCPZ Datasheet
2Mb / 52P
8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
7/06-Revision 0
AD9705BCPZRL7 AD-AD9705BCPZRL7 Datasheet
2Mb / 52P
8-/10-/12-/14-Bit, 175 MSPS TxDAC D/A Converters
7/06-Revision 0
More results

Similar Description - AD9705

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
DAC-HF12BMM DATEL-DAC-HF12BMM Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-HF12BMC DATEL-DAC-HF12BMC Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-HF10BMM-C DATEL-DAC-HF10BMM-C Datasheet
115Kb / 1P
Digital-to-Analog Converters
DAC-88ME-C DATEL-DAC-88ME-C Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-88ME-2 DATEL-DAC-88ME-2 Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-88ME DATEL-DAC-88ME Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HK12BGC-2 DATEL-DAC-HK12BGC-2 Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF12BMM-QL DATEL-DAC-HF12BMM-QL Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF8BMM-C DATEL-DAC-HF8BMM-C Datasheet
116Kb / 1P
Digital-to-Analog Converters
DAC-HF8BMM DATEL-DAC-HF8BMM Datasheet
115Kb / 1P
Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com