Electronic Components Datasheet Search
  English  ▼

X  

AD9705 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9705
Description  Digital-to-Analog Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9705 Datasheet HTML 5Page - Analog Devices AD9705 Datasheet HTML 6Page - Analog Devices AD9705 Datasheet HTML 7Page - Analog Devices AD9705 Datasheet HTML 8Page - Analog Devices AD9705 Datasheet HTML 9Page - Analog Devices AD9705 Datasheet HTML 10Page - Analog Devices AD9705 Datasheet HTML 11Page - Analog Devices AD9705 Datasheet HTML 12Page - Analog Devices AD9705 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
Data Sheet
AD9704/AD9705/AD9706/AD9707
Rev. D | Page 9 of 42
AD9707
AD9706
AD9705
AD9704
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Power Supply Rejection
Ratio (AVDD)6
−2
−0.1
+2
−2
−0.1
+2
−2
−0.1
+2
−2
−0.1
+2
% of
FSR/V
OPERATING RANGE
−40
+85
−40
+85
−40
+85
−40
+85
°C
1 Measured at IOUTA, driving a virtual ground.
2 Nominal full-scale current, IOUTFS, is 32 × the IREF current.
3 Use an external buffer amplifier with an input bias current <100 nA to drive any external load.
4 Measured at IOUTFS = 1 mA.
5 Measured at fCLOCK = 80 MSPS and fOUT = 1 MHz, using a differential clock.
6 ±5% power supply variation.
DYNAMIC SPECIFICATIONS (1.8 V)
TMIN to TMAX, AVDD = 1.8 V, DVDD = 1.8 V, CLKVDD = 1.8 V, IOUTFS = 1 mA, differential transformer coupled output, 453 Ω differentially
terminated unless otherwise noted.
Table 5.
AD9707
AD9706
AD9705
AD9704
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum Output Update Rate, fCLOCK
125
125
125
125
MSPS
Output Settling Time, tST, (to 0.1%)1
11
11
11
11
ns
Output Propagation Delay (tPD)
5.6
5.6
5.6
5.6
ns
Glitch Impulse
5
5
5
5
pV-s
Output Rise Time (10% to 90%)1
2.5
2.5
2.5
2.5
ns
Output Fall Time (10% to 90%)1
2.5
2.5
2.5
2.5
ns
AC LINEARITY
Spurious-Free Dynamic Range to
Nyquist
fCLOCK = 10 MSPS; fOUT = 2.1 MHz
86
86
85
70
dBc
fCLOCK = 25 MSPS; fOUT = 2.1 MHz
87
86
84
68
dBc
fCLOCK = 25 MSPS; fOUT = 5.1 MHz
82
82
82
68
dBc
fCLOCK = 65 MSPS; fOUT = 10.1 MHz
82
79
78
70
dBc
fCLOCK = 65 MSPS; fOUT = 15.1 MHz
77
76
74
69
dBc
fCLOCK = 80 MSPS; fOUT = 1.0 MHz
74
82
72
82
72
82
66
70
dBc
fCLOCK = 80 MSPS; fOUT = 15.1 MHz
77
77
77
68
dBc
fCLOCK = 80 MSPS; fOUT = 30.1 MHz
60
59
59
60
dBc
Noise Spectral Density
fCLOCK = 80 MSPS; fOUT = 10 MHz;
IOUTFS = 1 mA
−145
−144
−140
−128
dBc/Hz
fCLOCK = 80 MSPS; fOUT = 10 MHz;
IOUTFS = 2 mA
−151
dBc/Hz
1 Measured single-ended into 500 Ω load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com