Electronic Components Datasheet Search
  English  ▼

X  

AD9705 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9705
Description  Digital-to-Analog Converters
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9705 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9705 Datasheet HTML 6Page - Analog Devices AD9705 Datasheet HTML 7Page - Analog Devices AD9705 Datasheet HTML 8Page - Analog Devices AD9705 Datasheet HTML 9Page - Analog Devices AD9705 Datasheet HTML 10Page - Analog Devices AD9705 Datasheet HTML 11Page - Analog Devices AD9705 Datasheet HTML 12Page - Analog Devices AD9705 Datasheet HTML 13Page - Analog Devices AD9705 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
AD9704/AD9705/AD9706/AD9707
Data Sheet
Rev. D | Page 10 of 42
DIGITAL SPECIFICATIONS (1.8 V)
TMIN to TMAX, AVDD = 1.8 V, DVDD = 1.8 V, CLKVDD = 1.8 V, IOUTFS = 1 mA, unless otherwise noted.
Table 6.
AD9707
AD9706
AD9705
AD9704
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DIGITAL INPUTS1
Logic 1 Voltage
1.2
1.8
1.2
1.8
1.2
1.8
1.2
1.8
V
Logic 0 Voltage
0
0.5
0
0.5
0
0.5
0
0.5
V
Logic 1 Current
−10
+10
−10
+10
−10
+10
−10
+10
µA
Logic 0 Current
+10
+10
+10
+10
µA
Input Capacitance
5
5
5
5
pF
Input Setup Time, tS, 25°C
2.3
2.3
2.3
2.3
ns
Input Hold Time, tH, 25°C
0
0
0
0
ns
Input Setup Time, tS, −40°C to +85°C
2.4
2.4
2.4
2.4
ns
Input Hold Time, tH, −40°C to +85°C
0.1
0.1
0.1
0.1
ns
Latch Pulse Width, tLPW
6.2
6.2
6.2
6.2
ns
CLK INPUTS2
Input Voltage Range
0
1.8
0
1.8
0
1.8
0
1.8
V
Common-Mode Voltage
0.4
0.9
1.3
0.4
0.9
1.3
0.4
0.9
1.3
0.4
0.9
1.3
V
Differential Voltage
0.5
1.5
0.5
1.5
0.5
1.5
0.5
1.5
V
1 Includes CLK+ pin in single-ended clock input mode.
2 Applicable to CLK+ input and CLK– input when configured for differential clock input mode.
TIMING DIAGRAM
DB0 TO DB13
CLOCK
IOUTA
OR
IOUTB
0.1%
0.1%
tLPW
tST
tPD
tH
tS
Figure 2. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com