Electronic Components Datasheet Search
  English  ▼

X  

AD9739BBCRL Datasheet(PDF) 33 Page - Analog Devices

Part # AD9739BBCRL
Description  14-Bit, 2.5 GSPS, RF Digital-to-Analog Converter
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739BBCRL Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9739BBCRL Datasheet HTML 29Page - Analog Devices AD9739BBCRL Datasheet HTML 30Page - Analog Devices AD9739BBCRL Datasheet HTML 31Page - Analog Devices AD9739BBCRL Datasheet HTML 32Page - Analog Devices AD9739BBCRL Datasheet HTML 33Page - Analog Devices AD9739BBCRL Datasheet HTML 34Page - Analog Devices AD9739BBCRL Datasheet HTML 35Page - Analog Devices AD9739BBCRL Datasheet HTML 36Page - Analog Devices AD9739BBCRL Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
Data Sheet
AD9739
Rev. E | Page 33 of 50
increase the effective range of the delay line to ensure a
DCI_DEL value that falls within a reasonable guard band.
In some situations, rotating the phase alone may not be
sufficient to create the conditions necessary for the data receiver
to lock. This is likely due to a particular misalignment of clock
edges within the device that can occur after power up or reset at
clock rates below 1.6 GHz. In these situations, it is necessary to
power down the device by taking the following steps:
1.
Set the four power-down bits in Register 0x01
(Register 0x01 = 0x33).
2.
Reset the power-down bits to 0 (Register 0x01 = 0x00)
3.
Follow the start-up sequence, including possible phase
rotation, as described previously.
4.
These three steps may need to be initiated multiple times
to achieve a successful lock.
LVDS Driver and Receiver Input
The AD9739 features a LVDS-compatible driver and receivers.
The LVDS driver output used for the DCO and SYNC_OUT
signal includes an equivalent 200 Ω source resistor that limits its
nominal output voltage swing to ±200 mV when driving a
100 Ω load. The DCO output driver can be powered down via
Register 0x01, Bit 5. An equivalent circuit is shown in Figure 44.
DCO_N
VSS
VDD33
DCO_P
V+
V+
V–
V–
100
Ω
VCM
100
Ω
ESD
ESD
Figure 44. Equivalent LVDS Output
VSS
VDD33
DCI_P
DBx[13:0]P
DCI_N
DBx[13:0]N
100
Ω
ESD
ESD
Figure 45. Equivalent LVDS Input
The LVDS receivers include 100 Ω termination resistors, as
shown in Figure 45. These receivers meet the IEEE-1596.3-1996
reduced swing specification (with the exception of input hysteresis,
which cannot be guaranteed over all process corners). Figure 46
and Figure 47 show an example of nominal LVDS voltage levels
seen at the input of the differential receiver with resulting common-
mode voltage and equivalent logic level. The LVDS receivers
can be powered down via Register 0x01, Bit 4.
LVDS INPUTS
(NO FAIL-SAFE)
VP
VP
VP
VN
VN
VN
LVDS
RECEIVER
GND
100
Ω
VP,N
VCOM
= (VP + VN)/2
LOGIC BIT
EQUIVALENT
EXAMPLE
1.4V
1.0V
0.4V
–0.4V
0V
LOGIC 1
LOGIC 0
Figure 46. LVDS Data Input Levels
100
Ω
100
Ω
100
Ω
VDD33 = 3.3V
LVDS_1
LVDS_N
LVDS_2
VP = 1.4V
R1
R2
VP = 1.4V
R1 = 4.75 × 100/N
R2 = 2.50 × 100/N
Figure 47. Resistor Network to Bias Unused LVDS Data Inputs
The AD9739 LVDS inputs do not include fail-safe capability.
Any unused data input pins should be biased with an external
network or static driver. Figure 47 shows an external biasing
network that can be used to place unused data bits into a known
state. The resistor values for R1 and R2 are selected to establish
a VP and VN of 1.4 V and 1.0 V, respectively, depending on the
number of unused digital inputs, N.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com